Electronic Components Datasheet Search
  English  ▼

X  

BFT46 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFT46
Description  N-channel silicon FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT46 Datasheet(HTML) 6 Page - NXP Semiconductors

  BFT46 Datasheet HTML 1Page - NXP Semiconductors BFT46 Datasheet HTML 2Page - NXP Semiconductors BFT46 Datasheet HTML 3Page - NXP Semiconductors BFT46 Datasheet HTML 4Page - NXP Semiconductors BFT46 Datasheet HTML 5Page - NXP Semiconductors BFT46 Datasheet HTML 6Page - NXP Semiconductors BFT46 Datasheet HTML 7Page - NXP Semiconductors BFT46 Datasheet HTML 8Page - NXP Semiconductors BFT46 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
December 1997
6
Philips Semiconductors
Product specification
N-channel silicon FET
BFT46
Fig.8
 yos  versus VDS. ID = 0,4 mA; f = 1 kHz;
Tamb =25 °C.
handbook, halfpage
30
010
20
VDS (V)
103
102
10
1
MDA271
|yos|
(
µA/V)
typ
Fig.9 Typical values. VDS = 10 V; Tamb =25 °C.
handbook, halfpage
0
VGS (V)
Cis
(pF)
6
4
2
0
−1
−2
−4
−3
MDA266
Fig.10 Typical values. VDS = 10 V, Tamb =25 °C.
handbook, halfpage
0
VGS (V)
Crs
(pF)
1.5
1
0.5
0
−1
−2
−4
−3
MDA267
Fig.11 IGSS versus Tj. −VGSS = 10V; VDS =0.
handbook, halfpage
150
100
50
IGSS
(nA)
0
typ
10
1
10−1
10−2
10−3
MDA268
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com