Electronic Components Datasheet Search
  English  ▼

X  

BFT46 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFT46
Description  N-channel silicon FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT46 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFT46 Datasheet HTML 1Page - NXP Semiconductors BFT46 Datasheet HTML 2Page - NXP Semiconductors BFT46 Datasheet HTML 3Page - NXP Semiconductors BFT46 Datasheet HTML 4Page - NXP Semiconductors BFT46 Datasheet HTML 5Page - NXP Semiconductors BFT46 Datasheet HTML 6Page - NXP Semiconductors BFT46 Datasheet HTML 7Page - NXP Semiconductors BFT46 Datasheet HTML 8Page - NXP Semiconductors BFT46 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
December 1997
4
Philips Semiconductors
Product specification
N-channel silicon FET
BFT46
Fig.2 Power derating curve.
handbook, halfpage
0
Tamb (°C)
Ptot
(mW)
300
200
100
0
40
200
80
120
160
MDA245
Fig.3 Typical values. VDS = 10 V; Tj =25 °C.
handbook, full pagewidth
20
1.5
0.75
1
1.25
0.5
0.25
0
−1.25
−1
15
10
5
0
−0.25
−0.5
−0.75
MDA272
VDS (V)
VGS (V)
ID
(mA)
− 0.1 V
− 0.2 V
− 0.3 V
− 0.4 V
VGS = 0 V
max
typ
min



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com