Electronic Components Datasheet Search
  English  ▼

X  

BFT46 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFT46
Description  N-channel silicon FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT46 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFT46 Datasheet HTML 1Page - NXP Semiconductors BFT46 Datasheet HTML 2Page - NXP Semiconductors BFT46 Datasheet HTML 3Page - NXP Semiconductors BFT46 Datasheet HTML 4Page - NXP Semiconductors BFT46 Datasheet HTML 5Page - NXP Semiconductors BFT46 Datasheet HTML 6Page - NXP Semiconductors BFT46 Datasheet HTML 7Page - NXP Semiconductors BFT46 Datasheet HTML 8Page - NXP Semiconductors BFT46 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
December 1997
3
Philips Semiconductors
Product specification
N-channel silicon FET
BFT46
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Mounted on a ceramic substrate of 8 mm
× 10 mm × 0,7 mm.
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
±VDS
max.
25 V
Drain-gate voltage (open source)
VDGO
max.
25 V
Gate-source voltage (open drain)
−V
GSO
max.
25 V
Drain current
ID
max.
10 mA
Gate current
IG
max.
5 mA
Total power dissipation up to Tamb =40 °C(1)
Ptot
max.
250 mW
Storage temperature range
Tstg
−65 to +150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient(1)
Rth j-a
=
430 K/W
Gate cut-off current
−V
GS = 10 V; VDS =0
−IGSS
<
0,2 nA
Drain current
VDS = 10 V; VGS =0
IDSS
>
0,2 mA
<
1,5 mA
Gate-source voltage
ID =50 µA; VDS = 10 V
−V
GS
>
0,1 V
<
1,0 V
Gate-source cut-off voltage
ID = 0,5 nA; VDS =10V
−V(P)GS
<
1,2 V
y-parameters at f = 1 kHz;
VDS = 10 V; VGS = 0; Tamb =25 °C
Transfer admittance
 yfs >
1,0 mS
Output admittance
 y
os <
10
µS
VDS = 10 V; ID = 200 µA; Tamb =25 °C
Transfer admittance
 yfs >
0,5 mS
Output admittance
 y
os <
5
µS
Input capacitance at f = 1 MHz;
VDS = 10 V; VGS = 0; Tamb =25 °CCis
<
5pF
Feedback capacitance at f = 1 MHz;
VDS = 10 V; VGS = 0; Tamb =25 °CCrs
<
1,5 pF
Equivalent noise voltage
VDS = 10 V; ID = 200 µA; Tamb =25 °C
B = 0,6 to 100 Hz
Vn
<
0,5
µV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com