Electronic Components Datasheet Search
  English  ▼

X  

BFT46 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFT46
Description  N-channel silicon FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT46 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFT46 Datasheet HTML 1Page - NXP Semiconductors BFT46 Datasheet HTML 2Page - NXP Semiconductors BFT46 Datasheet HTML 3Page - NXP Semiconductors BFT46 Datasheet HTML 4Page - NXP Semiconductors BFT46 Datasheet HTML 5Page - NXP Semiconductors BFT46 Datasheet HTML 6Page - NXP Semiconductors BFT46 Datasheet HTML 7Page - NXP Semiconductors BFT46 Datasheet HTML 8Page - NXP Semiconductors BFT46 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 1997
2
Philips Semiconductors
Product specification
N-channel silicon FET
BFT46
DESCRIPTION
Symmetrical n-channel silicon
epitaxial planar junction field-effect
transistor in a microminiature plastic
envelope. The transistor is intended
for low level general purpose
amplifiers in thick and thin-film
circuits.
PINNING
Note : Drain and source are
interchangeable.
1 = drain
2 = source
3 = gate
Marking code
BFT46 = M3p
Fig.1 Simplified outline and symbol, SOT23.
handbook, halfpage
12
g
d
s
3
Top view
MAM385
QUICK REFERENCE DATA
Drain-source voltage
±VDS
max.
25 V
Gate-source voltage (open drain)
−V
GSO
max.
25 V
Total power dissipation up to Tamb =40 °CPtot
max.
250 mW
Drain current
VDS = 10 V; VGS =0
IDSS
>
0,2 mA
<
1,5 mA
Transfer admittance (common source)
ID = 0,2 mA; VDS = 10 V; f = 1 kHz
 yfs >
0,5 mS
Equivalent noise voltage
VDS = 10 V; ID = 200 µA; B = 0,6 to 100 Hz
Vn
<
0,5
µV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com