Electronic Components Datasheet Search
  English  ▼

X  

841602 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 841602
Description  FemtoClock NG Crystal-to-HCSL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841602 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 841602 Datasheet HTML 7Page - Renesas Technology Corp 841602 Datasheet HTML 8Page - Renesas Technology Corp 841602 Datasheet HTML 9Page - Renesas Technology Corp 841602 Datasheet HTML 10Page - Renesas Technology Corp 841602 Datasheet HTML 11Page - Renesas Technology Corp 841602 Datasheet HTML 12Page - Renesas Technology Corp 841602 Datasheet HTML 13Page - Renesas Technology Corp 841602 Datasheet HTML 14Page - Renesas Technology Corp 841602 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
REVISION A 4/15/15
841602 DATA SHEET
11
FEMTOCLOCKS™ CRYSTAL-TO-HCSL
CLOCK GENERATOR
RECOMMENDED TERMINATION
Figure 5A is the recommended termination for applications which
require the receiver and driver to be on a separate PCB. All traces
should be 50
Ω impedance.
FIGURE 5A. RECOMMENDED TERMINATION
Figure 5B is the recommended termination for applications which
require a point to point connection and contain the driver and
FIGURE 5B. RECOMMENDED TERMINATION
receiver on the same PCB. All traces should all be 50
Ω impedance.
0.7V Differential HCSL
Clock Driver
0.7V Differential HCSL
Clock Driver
0.7V Differential HCSL
Add-In Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com