Electronic Components Datasheet Search
  English  ▼

X  

841602 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 841602
Description  FemtoClock NG Crystal-to-HCSL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841602 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 841602 Datasheet HTML 9Page - Renesas Technology Corp 841602 Datasheet HTML 10Page - Renesas Technology Corp 841602 Datasheet HTML 11Page - Renesas Technology Corp 841602 Datasheet HTML 12Page - Renesas Technology Corp 841602 Datasheet HTML 13Page - Renesas Technology Corp 841602 Datasheet HTML 14Page - Renesas Technology Corp 841602 Datasheet HTML 15Page - Renesas Technology Corp 841602 Datasheet HTML 16Page - Renesas Technology Corp 841602 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REVISION A 4/15/15
841602 DATA SHEET
13
FEMTOCLOCKS™ CRYSTAL-TO-HCSL
CLOCK GENERATOR
3. Calculations and Equations.
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in Figure 6.
HCSL is a current steering output which sources a maximum of 17mA of current per output. To calculate worst case on-chip power
dissipation, use the following equations which assume a 50
Ω load to ground.
The highest power dissipation occurs when V
DD
is HIGH.
Power
= (V
DD_HIGH
– V
OUT ) * IOUT,
since V
OUT = IOUT * RL
= (V
DD_HIGH
– I
OUT * RL) * IOUT
= (3.465V – 17mA * 50
Ω) * 17mA
Total Power Dissipation per output pair = 44.5mW
FIGURE 6. HCSL DRIVER CIRCUIT AND TERMINATION
VDD
VOUT
RL
50
IC
IOUT = 17mA
RREF =
475
 ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com