Electronic Components Datasheet Search
  English  ▼

X  

841602 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 841602
Description  FemtoClock NG Crystal-to-HCSL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841602 Datasheet(HTML) 2 Page - Renesas Technology Corp

  841602 Datasheet HTML 1Page - Renesas Technology Corp 841602 Datasheet HTML 2Page - Renesas Technology Corp 841602 Datasheet HTML 3Page - Renesas Technology Corp 841602 Datasheet HTML 4Page - Renesas Technology Corp 841602 Datasheet HTML 5Page - Renesas Technology Corp 841602 Datasheet HTML 6Page - Renesas Technology Corp 841602 Datasheet HTML 7Page - Renesas Technology Corp 841602 Datasheet HTML 8Page - Renesas Technology Corp 841602 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-HCSL
CLOCK GENERATOR
841602 DATA SHEET
2
REVISION A 4/15/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Number
Name
Type
Description
1
REF_SEL
Input
Pulldown
Reference select. Selects the input reference source.
LVCMOS/LVTTL interface levels. See Table 3D.
2
REF_IN
Input
Pulldown LVCMOS/LVTTL PLL reference clock input.
3, 8, 14, 24
V
DD
Power
Core supply pins.
4, 13, 19
GND
Power
Power supply ground.
5,
6
XTAL_IN,
XTAL_OUT
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input.
7
MR/nOE
Input
Pulldown
Active HIGH master reset. Active LOW output enable. When logic HIGH, the
internal dividers are reset and the outputs are in high impedance (HiZ). When
logic LOW, the internal dividers and the outputs are enabled. Asynchronous
function. LVCMOS/LVTTL interface levels. See Table 3C.
9, 10, 11,
12, 15, 16,
17, 18
nc
Unused
No connect.
20, 21
Q0, nQ0
Output
Differential output pair. PCI Express interface levels.
22, 23
Q1, nQ1
Output
Differential output pair. PCI Express interface levels.
25
FSEL
Input
Pulldown Output frequency select pin. LVCMOS/LVTTL interface levels. See Table 3A.
26
IREF
Output
HCSL current reference resistor output. An external fixed precision resistor
(475
Ω) from this pin to ground provides a reference current used for differen-
tial current-mode Qx/nQx clock outputs.
27
BYPASS
Input
Pulldown
Selects PLL operation/PLL bypass operation. Asynchronous function. LLVC-
MOS/LVTTL interface levels. See Table 3B.
28
V
DDA
Power
Analog supply pin.
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 3D. REF_SEL FUNCTION TABLE
TABLE 3C. MR/nOE FUNCTION TABLE
TABLE 3B. BYPASS FUNCTION TABLE
TABLE 3A. FSEL FUNCTION TABLE (f
ref
= 25MHZ)
Input
REF_SEL
Input Reference
0
XTAL (default)
1
REF_IN
Input
MR/nOE
Function
0
Outputs enabled (default)
1
Device reset, outputs disabled (high-impedance)
Input
Outputs
FSEL
N
Q0:7/nQ0:7
0
5
VCO/5 (100MHz) PCIe (default)
1
4
VCO/4 (125MHz) sRIO
Input
BYPASS
PLL Configuration
0
PLL enabled (default)
1
PLL bypassed (f
OUT
= f
REF
÷ N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com