Electronic Components Datasheet Search
  English  ▼

X  

841602 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 841602
Description  FemtoClock NG Crystal-to-HCSL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841602 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 841602 Datasheet HTML 10Page - Renesas Technology Corp 841602 Datasheet HTML 11Page - Renesas Technology Corp 841602 Datasheet HTML 12Page - Renesas Technology Corp 841602 Datasheet HTML 13Page - Renesas Technology Corp 841602 Datasheet HTML 14Page - Renesas Technology Corp 841602 Datasheet HTML 15Page - Renesas Technology Corp 841602 Datasheet HTML 16Page - Renesas Technology Corp 841602 Datasheet HTML 17Page - Renesas Technology Corp 841602 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
REVISION A 4/15/15
841602 DATA SHEET
15
FEMTOCLOCKS™ CRYSTAL-TO-HCSL
CLOCK GENERATOR
TABLE 10. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
841602AGILF
ICS841602AGILF
28 Lead “Lead-Free” TSSOP
tube
-40°C to 85°C
841602AGILFT
ICS841602AGILF
28 Lead “Lead-Free” TSSOP
tape & reel
-40°C to 85°C
NOTE: Parts that are ordered with an “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com