Electronic Components Datasheet Search
  English  ▼

X  

LT5521 Datasheet(PDF) 10 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology LT5521 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT5521
5521f
APPLICATIO S I FOR ATIO
The LT5521 is a high linearity double-balanced active
mixer. The chip consists of a double-balanced mixer core,
a high performance LO buffer and associated bias and
enable circuitry. The chip is designed to operate with a
supply voltage ranging from 3.15V to 5.25V.
Table 2. Port Impedance
FREQUENCY
DIFFERENTIAL
DIFFERENTIAL
SINGLE-ENDED
(MHz)
INPUT
OUTPUT
LO
50
19.8 + j0.7
282.2 – j8.4
49.9 + j0.1
100
20.1 + j2.0
282.3 – j20.8
49.8 + j0.3
300
18.2 + j5.3
262.3 – j55.1
49.2 + j0.9
600
15.2 + j16.8
231.4 – j67.0
47.7 + j2.0
1000
14.5 + j28.1
215.0 – j124.5
45.3 + j2.8
1500
20.5 + j42.3
109.5 – j158.0
43.3 + j2.8
2000
48.2 + j26.8
52.9 – j92.1
43.0 + j3.3
2300
18.2 + j29.4
61.6 – j74.2
43.4 + j4.6
3200
22.4 + j125.1
14.2 – j27.5
44.6 + j14.0
3500
27.9 – j4.4
42.4 + j17.9
4000
42.8 – j16.0
38.6 + j22.8
Signal Input Interface
Figure 2 shows the signal inputs of the LT5521. The signal
input pins are connected to the common emitter nodes of
the mixer quad differential pairs. The real part of the
differential IN+/IN– impedance is 20
Ω. The mixer core
current is set by external resistors R1 and R7. Setting their
values at 110
Ω, the nominal DC voltage at the inputs is
2.2V with VCC = 5V. Figure 3 shows the input return loss
for a matched input at 250MHz.
For input frequencies above 100MHz, a broadband im-
pedance matching tranformer with a 1:1 impedance ratio
is recommended. Table 3 provides the component values
necessary to match various IF frequencies using the M/A-
COM CT0010 transformer (T1, Figure 1).
Table 3. Component Values for Input Matching Using the
M/A-COM CT0010
IF
C2
Z14
Z3
44MHz
1000pF
120nH
150pF
95MHz
820pF
33pF
27nH
120MHz
1000pF
27pF
18nH
150MHz
330pF
22pF
10nH
170MHz
330pF
18pF
6.8nH
250MHz
82pF
10pF
0
Ω
300MHz
15pF
3.9pF
0
Ω
435MHz
8.2pF
0.5pF
0
Ω
520MHz
6.8pF
Unused
0
Ω
Below 100MHz, the Mini-Circuits TCM2-1T or the Pulse
CX2045 are better choices for a wider input match. This
configuration is shown in Figure 4. The series 1nF capaci-
tors maintain differential symmetry while providing DC
isolation between the inputs. This helps to improve LO
suppression.
Shunt capacitor C13 (Figure 2) is an optional capacitor
across the input pins that significantly improves LO sup-
pression. Although this capacitor is optional, it is impor-
tant to regulate LO suppression, mitigating part-to-part
variation. This capacitor should be optimized depending
Figure 2. Signal Input with External Matching
Figure 3. IF Input Return Loss
VCC
IN–
IN+
R1
Z1
OPT
Z3
C2
LT5521
3
2
C13
IFIN
50
Ω
5521 F02
Z14
C6
1nF
R7
T1
1:1
Z7
OPT
FREQUENCY (MHz)
100
–25
–20
–15
250
350
5521 F03
–30
–35
–40
150
200
300
–10
–5
0
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com