Electronic Components Datasheet Search
  English  ▼

X  

LT5521 Datasheet(PDF) 11 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology LT5521 Datasheet HTML 14Page - Linear Technology LT5521 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT5521
5521f
APPLICATIO S I FOR ATIO
on the IF input frequency and the LO frequency. Smaller
C13 values have reduced impact on the LO output sup-
pression; larger values will degrade the conversion gain.
A single-ended 50
Ω source can also be matched to the
differential signal inputs of the LT5521 without an input
transformer. Figure 5 shows an example topology for a
discrete balun, and Table 4 lists component values for
several frequencies. The discrete input match is intrinsi-
cally narrowband. LO suppression to the output is de-
graded and noise figure degrades by 4dB for input
frequencies greater than 200MHz. Noise figure degrada-
tion is worse at lower input frequencies.
Operation at Reduced Supply Voltage
External resistors R1 and R7 (Figure 2) set the current
through the mixer core. For best distortion performance,
these resistors should be chosen to maintain a total of
40mA through the mixer core (20mA per side). At 5V
supply, R1 and R7 should be 110
Ω. Table 5 shows
recommended values for R1 and R7 at various supply
voltages. Caution: Using values below the recommended
resistance can adversely affect operation or damage the
part.
Table 5. Minimum External Resistor Values vs Supply Voltage
VCC (V)
R1, R7 (
Ω)
5
110
4.5
82.5
4
54.9
3.5
38.3
3.3
23.2
Excessive mismatch between the external resistors R1
and R7 will degrade performance, particularly LO sup-
pression. Resistors with 1% mismatch are recommended
for optimum performance.
Figure 2 shows RF chokes in series with R1 and R7. These
inductors are optional. In general, the chokes improve the
conversion gain and noise figure by 2dB at 3.3V (i.e., at the
minimum values of R1 and R7). The DC resistance varia-
tion of the RF chokes must be considered in the 1% source
resistance mismatch suggested for maintaining LO sup-
pression performance.
Figure 6 indicates the typical performance of the LT5521
as the external source resistance (R1, R7) is varied while
keeping the supply current constant. Figure 6 data was
taken without the benefit of input chokes, and shows the
gradual gain degradation for smaller values of the input
resistors R1 and R7. Figure 7 shows the typical behavior
when the supply voltage is fixed and the core current is
varied by adjusting values of the external resistors R1 and
R7. Decreasing the core current decreases the power
consumption and improves noise figure but degrades
distortion performance. Figure 8 demonstrates the im-
pact of the RF chokes in series with the source resistance
at 3.3V. There is a 2dB improvement in conversion gain
and noise figure and a corresponding decrease in IIP3.
Figure 5. Alternative Transformerless Input Circuit
Using Low Cost Discrete Components
LT5521
5521 F05
L4
C14
C16
1nF
C13
R1
110
Ω
C2
82pF
R7
110
Ω
L3
IFIN
50
Ω
2
3
IN+
IN–
Figure 4. Low Frequency Signal Input
VCC
IN–
IN+
R1
C2
1nF
1nF
LT5521
3
2
C13
IFIN
50
Ω
5521 F04
R7
T1
2:1
Table 4. Component Values for Discrete Bridge Balun Signal
Input Matching
IF (MHz)
C14, C16 (pF)
L3, L4 (nH)
220
22
22
250
18
18
640
4.7
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com