Electronic Components Datasheet Search
  English  ▼

X  

LT5521 Datasheet(PDF) 14 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology LT5521 Datasheet HTML 14Page - Linear Technology LT5521 Datasheet HTML 15Page - Linear Technology LT5521 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT5521
5521f
APPLICATIO S I FOR ATIO
noise performance with slightly reduced current through
the mixer core. Accordingly, in a 5V application operating
within this LO frequency range, the recommended source
resistor value (R1 and R7) is increased to 121
Ω.
Enable Interface
Figure 14 shows a simplified schematic of the EN pin
interface. The voltage necessary to turn on the LT5521 is
2.9V. To disable the chip, the enable voltage must be below
0.2V. If the EN pin is not connected, the chip is disabled.
It is not recommended, however, that any pins be left
floating for normal operation.
It is important that the voltage at the EN pin never exceed
VCC, the power supply voltage, by more than 0.2V. If this
should occur, the supply current could be sourced through
the EN pin ESD protection diodes, potentially damaging
the IC. The resistor R8 (Figure 1) in series with the EN pin
on the demo board is populated with a 10k
Ω resistor to
protect the EN pin to avoid inadvertant damage to the IC.
For timing measurements, this resistor is replaced with a
Figure 13. LO Port Return Loss
Figure 14. Enable Input Circuit
FREQUENCY (MHz)
0
–15
–10
–5
3000
5521 F13
–20
–25
1000
2000
500
3500
1500
2500
4000
–30
–35
0
C1 = 6.8pF
C1 = 2.7pF
5
VCC
5521 F14
LT5521
EN
0
Ω resistor. If the shutdown function is not required, then
the EN pin should be wired directly to the VCC power supply
on the PCB.
Supply Decoupling
The power supply decoupling shown in the schematic of
Figure 1 is recommended to minimize spurious signal
coupling into the output through the power supply.
ACPR Performance
Because of its high linearity and low noise, the LT5521 offers
outstanding ACPR performance in a variety of applications.
For example, Figures 15 and 16 show ACPR and Alternate
Channel measurements for single channel and 4-channel
64 DPCH W-CDMA signals at 1.95GHz output frequency.
OUTPUT CHANNEL POWER (dBm)
–40
–50
–40
–30
0
5521 F15
–60
ACPR
–70
–30
–20
–10
10
–80
–90
–100
–140
–135
–130
–145
–150
–155
–160
–165
TA = 25°C
fRF = 1.95GHz
fIF = 70MHz
fLO = 1.88GHz
30MHz OFFSET NOISE
OUTPUT CHANNEL POWER, EACH CHANNEL (dBm)
–40
–80
–75
–70
–65
–60
–50
–35
–30
–25
–20
1635 G24
–15
–55
–165
–160
–155
–150
–145
–135
–140
ACPR
AltCPR
30MHz OFFSET NOISE
TA = 25°C
fRF = 1.95GHz
fIF = 70MHz
fLO = 1.88GHz
Figure 15. Single Channel W-CDMA ACPR
and 30MHz Offset Noise Performance
Figure 16. 4-Channel W-CDMA ACPR,
AltCPR and 30MHz Offset Noise Floor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com