Electronic Components Datasheet Search
  English  ▼

X  

LT5521 Datasheet(PDF) 12 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology LT5521 Datasheet HTML 14Page - Linear Technology LT5521 Datasheet HTML 15Page - Linear Technology LT5521 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT5521
5521f
APPLICATIO S I FOR ATIO
The user can tailor the biasing of the LT5521 to meet
individual system requirements. It is recommended to
choose a source resistance as large as possible to mini-
mize sensitivity to power supply variation.
Output Interface
A DC connection to VCC must be provided on the PCB to the
output pins. These pins will draw approximately 20mA
each from the power supply. On-chip, there is a nominal
300
Ω differential resistance between the output pins.
Figure 9 shows a typical matching circuit using an external
balun to provide differential to single-ended conversion.
LO suppression and 2xLO suppression are influenced by
the symmetry of the external output matching circuitry.
PCB design must maintain the trace layout symmetry of
the output pins as much as possible to minimize these
signals.
The M/A-COM ETC1.6-4-2-3 4:1 transformer (T2, Fig-
ure 9) is suitable for applications with output frequencies
between 500MHz and 2700MHz. Output matching at vari-
ous frequencies is achieved by adding inductors in series
with the output (L1, L2) and DC blocking capacitor C3, as
shown in Figure 9. Table 6 specifies center frequency and
bandwidth of the output match for different matching
configurations. Figure 10 shows the typical output return
loss vs frequency for 1GHz and 2GHz applications. Capaci-
tor C12 provides a solid AC ground at the RF output
frequency.
Figure 7. IIP3, GC and Noise Figure vs Core Current,
Constant Supply Voltage
Figure 6. IIP3, GC and Noise Figure vs External Resistance,
Constant Core Current (Variable Supply Voltage)
R1 AND R7 (
Ω)
0
1.5
2.5
IIP3
NF
GC
3.5
60
100
5521 F06
0.5
–0.5
20
40
80
120
140
–1.5
–2.5
20
25
30
15
10
5
0
TA = 25°C
fIF = 250MHz
fLO = 1.7GHz
fRF = 1.95GHz
CORE CURRENT (mA)
15
20
25
30
35
5521 F07
40
45
IIP3
NF
0
5
10
15
20
30
25
–1.8
–1.2
–0.6
0
0.6
1.8
1.2
GC
TA = 25°C
fIF = 250MHz
fLO = 1.7GHz
fRF = 1.95GHz
VCC = 4V
CORE CURRENT (mA)
25
–3
–1
1
3
5
9
30
35
40
45
5521 F08
50
IIP3
NF
GC
RFC
RFC
RFC
55
7
0
5
10
15
20
30
25
TA = 25°C
fIF = 250MHz
fLO = 1.7GHz
fRF = 1.95GHz
VCC = 3.3V
Figure 8. Comparison of 3.3V Performance With
and Without Input RF Choke
Figure 9. Simplified Output Circuit
with External Matching Components
VCC
LT5521
300
Ω
5521 F09
L1
T2
4:1
L2
VCC
OUT+
OUT–
C3
OUT
C12
12
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com