Electronic Components Datasheet Search
  English  ▼

X  

R5M Datasheet(PDF) 1 Page - Recom International Power

Part # R5M
Description  5 Watt SMD Single & Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R5M Datasheet(HTML) 1 Page - Recom International Power

  R5M Datasheet HTML 1Page - Recom International Power R5M Datasheet HTML 2Page - Recom International Power R5M Datasheet HTML 3Page - Recom International Power R5M Datasheet HTML 4Page - Recom International Power R5M Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-1
DC/DC Converter
Description
The R5M is an isolated 5W DC/DC converter in a compact SMD package available with 4:1
inputs covering 12, 24 and 48V rails providing single or dual regulated, short-circuit protected
outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the operating
temperature is from -40°C up to +50°C without derating. Class A and Class B EMC
conformity requires only a few external components. Standard packaging is tube.
Features
Regulated
Converters
• 5W power in SMD package
• 4:1 Input voltage range
• Efficiency up to 86%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +50°C at full load
• Continuous short circuit protected
R5M
Selection Guide
Model Numbering
YEAR
arrant
3
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Part
Input
nom. Output
Output
Efficiency
max. Capacitive
Number
Voltage Range (1)
Voltage
Current
typ. (2)
Load (3)
[VDC]
[VDC]
[mA]
[%]
[µF]
R5M-xx3.3S/SMD
9-36, 18-75
3.3
1000
77
4400
R5Mxx05S/SMD
9-36, 18-75
5
1000
81
2200
R5Mxx09S/SMD
9-36, 18-75
9
555
82
1470
R5M-xx12S/SMD
9-36, 18-75
12
420
84-85
1220
R5M-xx15S/SMD
9-36, 18-75
15
333
85-86
1000
R5M-xx24S/SMD
9-36, 18-75
24
210
82
470
R5M-xx05D/SMD
9-36, 18-75
±5
±500
82
±1000
R5M-xx12D/SMD
9-36, 18-75
±12
±210
84
±680
R5M-xx15D/SMD
9-36, 18-75
±15
±168
85
±440
Notes:
Note1: Refer to
“Input Voltage Range”
Note2: Efficiency is tested at nominal input and full load at +25°C ambient
Note3: Max Cap Load is tested at nominal input and full resistive load
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. VIN= 24VDC
9VDC
24VDC
36VDC
nom. VIN= 48VDC
18VDC
48VDC
75VDC
Input Surge Voltage
1 second max.
nom. VIN= 24VDC
50VDC
nom. VIN= 48VDC
100VDC
continued on next page
Case Style
Single/Dual
nom. Input Voltage
nom. Output Voltage
R5M-
/SMD
5 Watt
SMD
Single & Dual
Output


Similar Part No. - R5M

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
R5M3Z2C1P-X OPTOSUPPLY-R5M3Z2C1P-X Datasheet
79Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Strip Long life, Easy Installation
logo
Renesas Technology Corp
R5M7083 RENESAS-R5M7083 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
R5M7083 RENESAS-R5M7083 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7083 RENESAS-R5M7083 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7084 RENESAS-R5M7084 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
More results

Similar Description - R5M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
5 Watt Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com