Electronic Components Datasheet Search
  English  ▼

X  

R5M Datasheet(PDF) 4 Page - Recom International Power

Part # R5M
Description  5 Watt SMD Single & Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R5M Datasheet(HTML) 4 Page - Recom International Power

  R5M Datasheet HTML 1Page - Recom International Power R5M Datasheet HTML 2Page - Recom International Power R5M Datasheet HTML 3Page - Recom International Power R5M Datasheet HTML 4Page - Recom International Power R5M Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-4
DC/DC Converter
R5M
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +105°C
without derating
-40°C to +50°C
Maximum Case Temperature
measured at
“tc point”
+105°C
Operating Humidity
non-condensing
5% - 95% RH max.
Thermal Shock
according to MIL-STD-810F
Vibration
according to MIL-STD-810F
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
2959 x 10³ hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
120
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
105
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
File Number
Standard
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment – Emission Requirements
with external filter
refer to
“EMC Filtering”
EN55032, Class A and B
Suggestions according to EN55032
EMC Filtering
-Vout
+Vout
-Vin
+Vin
L
1
C
1
C
3
C
2
+V
out
+V
in
-V
out
-V
in
Class A Component List
Model
C1
C2
C3
L1
R5M-24xxS
10µF
N/A
330pF
22µH
R5M-48xxS
2.2µF
2.2µF
330pF
68µH
Class B Component List
Model
C1
C2
C3
L1
R5M-24xxS
10µF
N/A
680pF
22µH
R5M-48xxS
4.7µF
2.2µF
680pF
68µH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com