Electronic Components Datasheet Search
  English  ▼

X  

R5M Datasheet(PDF) 3 Page - Recom International Power

Part # R5M
Description  5 Watt SMD Single & Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R5M Datasheet(HTML) 3 Page - Recom International Power

  R5M Datasheet HTML 1Page - Recom International Power R5M Datasheet HTML 2Page - Recom International Power R5M Datasheet HTML 3Page - Recom International Power R5M Datasheet HTML 4Page - Recom International Power R5M Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-3
DC/DC Converter
R5M
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Efficiency vs. Load
R5M-4824S
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
18Vin
36Vin
54Vin
75Vin
1
1.2
0.6
1.6
1.4
0.8
0.2
0.4
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
18Vin
36Vin
54Vin
75Vin
ON/OFF CTRL
+V
out
+V
in
CTRL
-V
out
-V
in
-Vout
+Vout
-Vin
+Vin
VCTRL
1k
Ω
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
low line to high line, full load
±0.2% max.
Load Regulation
0% to 100% load
single
1% max.
dual
1% max.
10% to 90% load
single
0.5% max.
dual
0.8% max.
Cross Regulation
asymmetrical 25% / 100% load
±5% max.
Transient Response Recovery Time
25% load step change
±500µs typ.
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
continuous, auto recovery
Isolation Voltage (5)
I/P to O/P
1 minute
1.6kVDC min.
Isolation Resistance
I/P to O/P, VISO= 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
50pF typ.
Notes:
Note5: This power module is not internally fused. An input line fuse must always be used
Recom suggests: 24Vin=T1.25A; 48Vin=T0.63A slow blow
DC-DC ON
Open or high impedance
DC-DC OFF
2.0mA to 4.0mA max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com