Electronic Components Datasheet Search
  English  ▼

X  

R5M Datasheet(PDF) 5 Page - Recom International Power

Part # R5M
Description  5 Watt SMD Single & Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R5M Datasheet(HTML) 5 Page - Recom International Power

  R5M Datasheet HTML 1Page - Recom International Power R5M Datasheet HTML 2Page - Recom International Power R5M Datasheet HTML 3Page - Recom International Power R5M Datasheet HTML 4Page - Recom International Power R5M Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
R5M
Series
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
baseplate/case
black plastic (UL94 V-0)
potting
silicone (UL94 V-0)
Dimension (LxWxH)
14.2 x 9.1 x 10.2mm
Weight
2.7g typ.
Pinning Information
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
CTRL
CTRL
5
NC
-Vout
6
-Vout
COM
7
+Vout
+Vout
NC= no connection
13.2
16.2 min.
5.70
tc
seating plane
0 ~5°
3.8
4.7
14.2
0.60±0.1
1
1
5
5
6
6
7
7
2
2
4
4
Dimension Drawing standard “/SMD” version (mm)
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
218.0 x 17.2 x 19.9mm
Packaging Quantity
20pcs
Storage Temperature Range
non-condensing
-55°C to +125°C
Storage Humidity
5% to 95% RH max.
Moisture Sensitive Level
MSL peak temp. (6)
Level 2
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
Recommended Footprint Details
Tolerance:
xx.x
xx.xx
=
=
±0.5mm
±0.25mm
tc point
Notes:
Note6: The Moisture Sensitivity Level rating is according to the JEDEC industry standard classifications and peak solder temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com