Electronic Components Datasheet Search
  English  ▼

X  

UM2777 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 6Page - STMicroelectronics UM2777 Datasheet HTML 7Page - STMicroelectronics UM2777 Datasheet HTML 8Page - STMicroelectronics UM2777 Datasheet HTML 9Page - STMicroelectronics UM2777 Datasheet HTML 10Page - STMicroelectronics UM2777 Datasheet HTML 11Page - STMicroelectronics UM2777 Datasheet HTML 12Page - STMicroelectronics UM2777 Datasheet HTML 13Page - STMicroelectronics UM2777 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
•
One CAN
•
One USB OTG full-speed
•
Camera interface
•
DMA2D controller
The device operates in the -40 to +85 °C (+105 °C junction) and -40 to +125 °C (+130 °C junction) temperature
ranges from a 1.71 to 3.6 V for VDD power supply when using internal LDO regulator and a 1.05 to 1.32 V V DD12
power supply when using external SMPS supply. A comprehensive set of power-saving modes allows the design
of low-power applications.
Some independent power supplies are supported, such as an analog independent supply input for ADC, DAC,
OPAMPs and comparators, a 3.3 V dedicated supply input for USB and up to 14 I/Os, which can be supplied
independently down to 1.08 V. A VBAT input allows backup of the RTC and the registers. Dedicated VDD12 power
supplies can be used to bypass the internal LDO regulator when connected to an external SMPS.
Related links
Visit the product web page for the STM32L4R9ZI micrcontroller
2.2.2
BlueNRG-M2 very low power application processor module for Bluetooth® low energy v5.0
The BlueNRG-M2 is a Bluetooth® low energy system-on-chip application processor certified module compliant
with BT specifications v5.0 and BQE qualified. The module simultaneously supports multiple roles and can act at
the same time as Bluetooth master and slave device.
The BlueNRG-M2 is based on the BlueNRG-2 system-on-chip and provides a complete RF platform in a tiny
form factor, integrating radio, embedded antenna and high frequency oscillators to offer a certified solution that
optimizes the final application time-to-market.
The BlueNRG-M2 can be directly powered by a pair of AAA batteries or any power source from 1.7 to 3.6 V.
Related links
Visit the product web page for the BlueNRG-M2SA application module for Bluetooth® low energy v5.0 wireless technology
2.2.3
STEVAL-STWINWFV1 Wi-Fi expansion (not included in the kit) for the SensorTile wireless
industrial node (STWIN) kit
The STEVAL-STWINWFV1 expansion board (sold separately) adds 2.4 GHz Wi-Fi connectivity to the SensorTile
Wireless Industrial Node (STWIN) kit.
Through the CN3 connectivity expansion connector, the STEVAL-STWINWFV1 can be plugged into the STWIN
core system board.
It is based on the ISM43362-M3G-L44-E Wi-Fi module and its main features are:
•
802.11 b/g/n compatible
•
based on Broadcom MAC/Baseband/Radio device
•
fully contained TCP/IP stack
•
host interface: SPI up to 25 MHz
The RF power emitted is +9 dBm (limited by firmware).
The module operating band is 2400 MHz ~ 2483.5 MHz (2.4 GHz ISM Band).
Related links
Visit the product web page for further details on the STEVAL-STWINWFV1
2.2.4
STR485LV 3.3V RS485 up to 20Mbps
The STR485 is a low power differential line transceiver for RS485 data transmission standard applications in
half-duplex mode. Data and enable signals are compatible with 1.8 V or 3.3 V supplies.
Two speeds are selectable via the SLR pin: fast data rate up to 20 Mbps or slow data rate up to 250 kbps for
extended cables.
UM2777
Processing and connectivity
UM2777 - Rev 4
page 10/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com