Electronic Components Datasheet Search
  English  ▼

X  

UM2777 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 13Page - STMicroelectronics UM2777 Datasheet HTML 14Page - STMicroelectronics UM2777 Datasheet HTML 15Page - STMicroelectronics UM2777 Datasheet HTML 16Page - STMicroelectronics UM2777 Datasheet HTML 17Page - STMicroelectronics UM2777 Datasheet HTML 18Page - STMicroelectronics UM2777 Datasheet HTML 19Page - STMicroelectronics UM2777 Datasheet HTML 20Page - STMicroelectronics UM2777 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
2.4.2
STMod+ connector
Figure 19. STMod+ connector top views
20
PCB
Edge
Border
Daughterboard
Host board
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PCB
Edge
Border
7.62 mm
2.77 mm
Male connector
Female connector
Table 2. STMod+ connector pin assignments and descriptions
STMod+ Pin number
Function(1) of the primary host mapped
Description
1 SPIx_NSS(2) / UARTy_CTS
Output / Input
2 SPIx_MOSIp(3) / UARTy_TX Output / Output
Output / Output
3 SPIx_MISOp(4) / UARTy_RX Input / Input
Input / Input
4 SPIx_SCK / UARTy_RTS Output / Output
Output / Output
5 GND Ground Reference
Ground reference
6 +5 V Power Supply(5)
Power supply
7 I2Cz_SCL Input / Output
Input / Output
8 SPIx_MOSIs(3) Output
Output
9 SPIx_MISOs(4) Input / Output
Input / Output
10 I2Cz_SDA Input / Output
Input / Output
11 INT(6) Input
Input
12 RESET Output
Output
13 ADC Input
Input
14 PWM Output
Output
15 +5 V Power Supply(5)
Power supply
16 GND Ground Reference
Ground reference
17 GPIO(7)
Output / Input
18 GPIO(7)
Output / Input
19 GPIO(7)
Output / Input
20 GPIO(7)
Output / Input
1. If two functions are provided on a STMod+ connector pin, you can connect two different I/O ports from STM32: the firmware
manages the conflicts that may arise. MOSIs means used in Serial Daisy Chained-SPI mode and MOSIp means used in
Parallel SPI mode. More alternate functions may be available from STM32, refer to the User manual of the host board and
the corresponding STM32 datasheet available on www.st.com.
2. Instead of SPIx_NSS, a GPIO can be used as SPI Chip Select.
3. Pins 2 and 8 are the same SPIx_MOSI signals, but they must come from two different I/O ports.
4. Pins 3 and 9 are the same SPIx_MISO signals, but they must come from two different I/O ports.
UM2777
Buttons, LEDs and connectors
UM2777 - Rev 4
page 17/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com