Electronic Components Datasheet Search
  English  ▼

X  

UM2777 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 33Page - STMicroelectronics UM2777 Datasheet HTML 34Page - STMicroelectronics UM2777 Datasheet HTML 35Page - STMicroelectronics UM2777 Datasheet HTML 36Page - STMicroelectronics UM2777 Datasheet HTML 37Page - STMicroelectronics UM2777 Datasheet HTML 38Page - STMicroelectronics UM2777 Datasheet HTML 39Page - STMicroelectronics UM2777 Datasheet HTML 40Page - STMicroelectronics UM2777 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Item
Q.ty
Ref.
Part / Value
Description
Manufacturer
Order code
44
2
R17, R22
2k, 100ppm/C,
±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RT0402FRE072KL
45
1
R18
56K, 100ppm/C,
±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-0756KL
46
2
R19, R21
0R
RES SMD 0402, 0402
(1005 Metric)
Vishay Dale
CRCW04020000Z0ED
47
1
R23
100K, 100ppm/C,
±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-07100KL
48
2
R24, R25
62, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-0762RL
49
1
R27
47k, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Samsung Electro-
Mechanics
America, Inc.
RC1005F473CS
50
1
R28
10k, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-0710KL
51
1
R29
160, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
TE Connectivity
Passive Product
CRG0402F160R
52
1
R34
1k, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-071KL
53
1
R35
560R, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-07560RL
54
13
SB1, SB2, SB3,
SB7, SB9, SB10,
SB13, SB14,
SB15, SB16,
SB17, SB22, SB24
0 OHM N.M.
RES SMD 0402 (not
mounted), 0402 (1005
Metric)
Vishay Dale
CRCW04020000Z0ED
55
12
SB4, SB5, SB6,
SB8, SB11, SB12,
SB18, SB19,
SB20, SB21,
SB23, SB25
0R
RES SMD 0402, 0402
(1005 Metric)
Vishay Dale
CRCW04020000Z0ED
56
1
SD
Micro-SD
Wurth Electronics 693071010811
57
1
SP1
N.M.
(not mounted)
-
-
58
7
TP4, TP5, TP6,
TP7, TP8, TP9,
TAMPER
1mm N.M.
TEST POINT 1MM
SMD PADSTASCK (not
mounted)
-
-
59
1
TP1
Test Point Through
Hole
Keystone
Electronics
5001
60
2
TP2, TP3
N.M.
Test Point Through
Hole (not mounted)
-
-
61
1
USB
USB Micro-B, USB-
Micro-B
GCT
USB3075-30-A
62
1
U1
6-line IPAD™, EMI
filter and ESD
protection
ST
EMIF06-MSD02N16
63
1
U2
Humidity, Temperature,
HLGA-6L(2 x 2 x 0.9
mm)
ST
HTS221TR (Not recommended
for new designs)
64
1
U3
MEMS NANO
PRESSURE SENSOR:
260-1, (2 x 2 x 0.73
mm)
ST
LPS22HHTR
65
1
U4
STM32L496,
UFBGA144
ST
STM32L4R9ZIJ6
UM2777
Bill of materials
UM2777 - Rev 4
page 37/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com