Electronic Components Datasheet Search
  English  ▼

X  

UM2777 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 24Page - STMicroelectronics UM2777 Datasheet HTML 25Page - STMicroelectronics UM2777 Datasheet HTML 26Page - STMicroelectronics UM2777 Datasheet HTML 27Page - STMicroelectronics UM2777 Datasheet HTML 28Page - STMicroelectronics UM2777 Datasheet HTML 29Page - STMicroelectronics UM2777 Datasheet HTML 30Page - STMicroelectronics UM2777 Datasheet HTML 31Page - STMicroelectronics UM2777 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
6
Schematic diagrams
Figure 33. STEVAL-STWINKT1B schematic (1 of 7)
2.7 V Analog LDO
5
V_USB
SW_SEL
ESDALC6V1-1U2
C22
TP2
EN
10uF
CON2
1
EN
B2
U16
DCDC_1
OTG_FS_DP
DCDC_1
R12
VBat
IN2
F5
TH
1
R13
USB-MICRO
3
SW1_OA
100k
R15
1M
E3
VOUT
D1
1
OUT
C23
3V3_LDO
20K
NC2
D3
A3
E1
TH
1
OTG_FS_DM
F4
C4
BATMS
C2
USB
CHG
E1
C5
SYS1
LDK130PU-R
6
IN
IN1
E5
3V3 150mA.
SW2_I
F2
E4
4
EN
5V
4
DCDC_1
C_EN
3V3_SD_485
R23
BAT_NTC
F3
SW1_I
VIN
BAT_NTC
47.5K
4.7uF
2k
TH
1
SYS
3
D2
CHRG
RESET_NOW
CEN
B1
C1
VIN
STBC02AJR
LDO
3
EXT 5V
3.3V DC-DC
NC
C3
V_USB
5V
100k
A4
ISET
D4
IPRE
SYS
56K
22uF
DCDC_1
ADJ
A3
R11
RST_PENDING
A1
2k
VOUT
D1
U18
3V3_Ext
SW_SEL
R17
6
D4
PWR
1
E1
PGOOD
GND
D2
Battery Connector
A1
D0
Battery management
DCDC_2_EN
3V3 400 mA
3V3 400mA.
(4.2 V -> 3 V)
Battery monitor
3
R22
C15
VBat
BUTTON_PWR
20K
C27
SW2_OA
F1
D4
2
DCDC_1
L2 2.2uH
A1
D0
C1
B2
R21
0R
VBUS
4
D3
C21 10uF
R10
BAT2
B5
D5
SYS2
R20
C20 1uF
NC
SB17
100k
J5
SB23
0R
TP7
C1
1
1
5
SB22
2
C25 10uF
R16
C12
10uF
C18
VBat
D1
ST1PS01EJR
SW
SW2_OB
SW_SEL
uC_ADC_BATT
SB12
0R
DCDC_2
USBLC6-2P6
2
GND
1uF
PGOOD
LED_C
Red
2
C3
2
2
1
DCDC_2
R18
J4
2
STRIP254P-M-2
U10
DCDC_1
BUTTON_PWR
TP3
VBat
E3
SW1_OB
C3
E3
nRESET
E2
100mA
10mA
TP1
R19
0R
U15
2V7A
PGOOD
GND
D2
22uF
R14
B2
ST1PS01EJR
SW
D1
1
3
100nF
1
2
C24
BATT
L1 2.2uH
NC
4
BAT1
A5
A2
SYS
D2
WAKEUP
100K
U14
1uF
V_USB
BATMS
NC (10k )
BATMS
B3
BATSNS
NTC
D1
DCDC_1
1
C26
BATSNSFV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com