Electronic Components Datasheet Search
  English  ▼

X  

ADIS16203CCCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16203CCCZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203CCCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16203CCCZ Datasheet HTML 4Page - Analog Devices ADIS16203CCCZ Datasheet HTML 5Page - Analog Devices ADIS16203CCCZ Datasheet HTML 6Page - Analog Devices ADIS16203CCCZ Datasheet HTML 7Page - Analog Devices ADIS16203CCCZ Datasheet HTML 8Page - Analog Devices ADIS16203CCCZ Datasheet HTML 9Page - Analog Devices ADIS16203CCCZ Datasheet HTML 10Page - Analog Devices ADIS16203CCCZ Datasheet HTML 11Page - Analog Devices ADIS16203CCCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADIS16203
Rev. 0 | Page 8 of 28
TYPICAL PERFORMACE CHARACTERISTICS
30
0
–1.0
ERROR (Degrees)
25
20
15
10
5
–0.8
–0.6 –0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
Figure 5. Inclination Error Distribution at 25°C/3.3 V, Incline = 0°
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–1.0
–0.5
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
Figure 6. Inclination Error vs. Temperature
0.40
0
SUPPLY VOLTAGE (V)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
2.9
3.7
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 7. Inclination Error vs. Supply
90
0
2.9
3.7
SUPPLY (V)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
80
70
60
50
40
30
20
10
Figure 8. Self-Test Shift vs. Supply at 25°C
150
0
(µV/LSB)
125
100
75
50
25
Figure 9. ADC Gain Distribution at 25°C/3.3 V
80
0
(mV)
70
60
50
40
30
20
10
Figure 10. ADC Offset Distribution at 25°C/3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com