Electronic Components Datasheet Search
  English  ▼

X  

ADIS16203CCCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16203CCCZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203CCCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16203CCCZ Datasheet HTML 16Page - Analog Devices ADIS16203CCCZ Datasheet HTML 17Page - Analog Devices ADIS16203CCCZ Datasheet HTML 18Page - Analog Devices ADIS16203CCCZ Datasheet HTML 19Page - Analog Devices ADIS16203CCCZ Datasheet HTML 20Page - Analog Devices ADIS16203CCCZ Datasheet HTML 21Page - Analog Devices ADIS16203CCCZ Datasheet HTML 22Page - Analog Devices ADIS16203CCCZ Datasheet HTML 23Page - Analog Devices ADIS16203CCCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADIS16203
Rev. 0 | Page 20 of 28
STATUS FEEDBACK
The status control register within the ADIS16203 is utilized in deter-
mining the present state of the device. The ability to monitor the device
becomes necessary when and if the ADIS16203 has registered an alarm
and/or error condition as indicated by the alarm enable (Bit 14) within
the output data registers.
STATUS Register Definition
Address
Default1
Format
Access
0x3D, 0x3C
0x0000
N/A
Read only
1 Default is valid only until the first register write cycle.
The STATUS control register contains the alarm/error flags that
indicate abnormal operating conditions. See Table 19 for each bit’s
definition. Bit 0 and Bit 1 will automatically clear when the power
supply is in the specified range of operation. Setting Bit 4 in the
COMMAND register clears all flags. The flags are set on a continuing
basis as long as the error or alarm conditions persist.
Table 19. STATUS Bit Descriptions
Bit
Description
15:10
Not used
9
Alarm 2 Status
1: Active
0: Normal mode
8
Alarm 1 status
1: Active
0: Normal mode
7
Not used
6
Invalid Orientation
1: Invalid orientation
0: Normal mode
5
Self Test Fail
1: Self-test failure
0: Self-test pass
3
SPI Communications Failure
1: Error condition
0: Normal mode
2
Control Register Update Failed
1: Error condition
0: Normal mode.
1
Power Supply Above 3.625 V
1: Error condition
0: Normal mode
0
Power Supply Below 2.975 V
1: Error condition
0: Normal mode
COMMAND CONTROL
The COMMAND control register is utilized in sending global
commands to the ADIS16203 device. Any one of the global
commands can be implemented by simply writing 1 to its
corresponding bit location. The command control register has
write-only capability and is volatile. Table 20 describes each of
these global commands.
COMMAND Register Definition
Address
Default1
Format
Access
0x3F, 0x3E
0x0000
N/A
Write only
1 Default is valid only until the first register write cycle.
Table 20. COMMAND Bit Descriptions
Bit
Description
15:8
Not used.
7
Software Reset Command.
6:5
Not used.
4
Clear Status Register, once per activation
3
Manual Flash Update Command. This command is
utilized in updating all of the nonvolatile registers to
Flash. Once the command is initiated, the supply
voltage, VDD, must remain within specified limits for
50 ms to ensure proper update of the nonvolatile
registers to Flash.
2
Auxiliary DAC Latch Command. This command acts to
latch the AUX_DAC control register data into the
auxiliary DAC upon receipt of the command. This allows
for sequential loading of the upper and lower AUX_DAC
data bytes via the SPI without having the auxiliary DAC
transition into unwanted, intermediate states based
upon the individual AUX_DAC data bytes. Once the two
bytes of AUX_DAC are loaded, the DAC latch command
is initiated to move the data into the auxiliary DAC itself.
1
Factory Reset Command. This command allows the user
to reset the INCL_NULL register to its nominal setting
(0x0000) upon receipt of the command. Data within the
moving average filters is reset. As the manual Flash
command (COMMAND register, Bit 3), this command
stores all of the nonvolatile registers to Flash. Once the
command is initiated, the supply voltage, VDD, must
remain within specified limits for 50 ms to ensure
proper update of the nonvolatile registers to Flash.
0
Null Command. This command loads the inclination
offset register with a value that zeros out the inclination
and outputs. Useful as a single command to simulta-
neously zero the inclination outputs. As the manual
Flash command (COMMAND register, Bit 3), this command
stores all of the nonvolatile registers to Flash. Once the
command is initiated, the supply voltage, VDD, must
remain within specified limits for 50 ms to ensure
proper update of the nonvolatile registers to Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com