Electronic Components Datasheet Search
  English  ▼

X  

ADIS16203CCCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16203CCCZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203CCCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16203CCCZ Datasheet HTML 20Page - Analog Devices ADIS16203CCCZ Datasheet HTML 21Page - Analog Devices ADIS16203CCCZ Datasheet HTML 22Page - Analog Devices ADIS16203CCCZ Datasheet HTML 23Page - Analog Devices ADIS16203CCCZ Datasheet HTML 24Page - Analog Devices ADIS16203CCCZ Datasheet HTML 25Page - Analog Devices ADIS16203CCCZ Datasheet HTML 26Page - Analog Devices ADIS16203CCCZ Datasheet HTML 27Page - Analog Devices ADIS16203CCCZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADIS16203
Rev. 0 | Page 25 of 28
POWER-ON RESET OPERATION
An internal power-on reset (POR) is implemented internally to
the ADIS16203. For VDD below 2.35 V, the internal POR holds the
ADIS16203 in reset. As VDD rises above 2.35 V, an internal timer
times out for typically 130 ms before the part is released from reset.
The user must ensure that the power supply has reached a stable
3.0 V minimum level by this time. Likewise, on power-down, the
internal POR holds the ADIS16203 in reset until VDD drops below
2.35 V. Figure 33 illustrates the operation of the internal POR in detail.
VDD
POR
130ms TYP
2.35V TYP
Figure 33. Internal Power-On Reset Operation
Once the power sequence is complete, the self-test sequence follows.
This sequence takes approximately 14 ms in high performance mode
and approximately 36 ms in normal mode. The power-up self-test
can be disabled using Bit 10 in the MSC_CTRL register if the start
time is a critical consideration.
SECOND-LEVEL ASSEMBLY
The ADIS16203 can be attached to the second-level assembly board
using SN63 (or equivalent) or lead-free solder. Figure 34 and Table 24
provide acceptable solder reflow profiles for each solder type. Note
that these profiles may not be the optimum profile for the user’s
application. In no case should 260°C be exceeded. It is recommended
that the user develop a reflow profile based upon the specific application.
In general, the lowest peak temperature and shortest dwell time above
the melt temperature of the solder result in less shock and stress to
the product. In addition, evaluating the cooling rate and peak tem-
perature can result in a more reliable assembly.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 34. Acceptable Solder Reflow Profiles
Table 24.
Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature
(TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (ts)
60 sec to
120 sec
60 sec to
150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to
150 sec
60 sec to
150 sec
Peak Temperature (TP)
240°C +
0°C/–5°C
260°C +
0°C/–5°C
Time Within 5°C of Actual
Peak Temperature (tp)
10 sec to
30 sec
20 sec to
40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 minutes
max
8 minutes
max
EXAMPLE PAD LAYOUT
1.178 BSC
(8 PLCS)
0.500 BSC
(16 PLCS)
0.670 BSC
1.
(1
127 BSC
6 PLCS)
(12 PLCS)
7.873 BSC
(2 PLCS)
Figure 35. Example Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com