Electronic Components Datasheet Search
  English  ▼

X  

ADIS16203CCCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADIS16203CCCZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203CCCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIS16203CCCZ Datasheet HTML 13Page - Analog Devices ADIS16203CCCZ Datasheet HTML 14Page - Analog Devices ADIS16203CCCZ Datasheet HTML 15Page - Analog Devices ADIS16203CCCZ Datasheet HTML 16Page - Analog Devices ADIS16203CCCZ Datasheet HTML 17Page - Analog Devices ADIS16203CCCZ Datasheet HTML 18Page - Analog Devices ADIS16203CCCZ Datasheet HTML 19Page - Analog Devices ADIS16203CCCZ Datasheet HTML 20Page - Analog Devices ADIS16203CCCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADIS16203
Rev. 0 | Page 17 of 28
ALM_MAG2 Register Definition
Address
Default1
Format2
Access
0x23, 0x22
0x0000
N/A
R/W
1 Default is valid only until the first register write cycle.
2 Format is established by source of monitored data.
The ALM_MAG2 register contains the threshold level for Alarm 2.
The contents of this register are nonvolatile.
Table 13. ALM_MAG2 Bit Designations
Bit
Description
15
Greater than Active Alarm Bit.
1: Alarm is active for an output greater than
ALM_MAG2 register setting.
0: Alarm is active for an output less than
ALM_MAG2 register setting.
14
Not used.
13:0
Data Bits. This number can be either twos complement
or straight binary. The format is set by the value being
monitored by this function.
ALM_SMPL2 Register Definition
Address
Default1
Format
Access
0x27, 0x26
0x0000
Binary
R/W
1 Default is valid only until the first register write cycle.
The ALM_SMPL2 register contains the sample period information
for Alarm 2, when it is set for ROC alarm monitoring. The ROC
alarm function averages the change in the output variable over the
specified number of samples and compares this change directly to
the values specified in the ALM_MAG2 register. The contents of this
register are nonvolatile.
Table 14. ALM_SMPL2 Bit Designations
Bit
Description
15:8
Not used
7:0
Data bits
ALM_CTRL Register Definition
Address
Default1
Format
Access
0x29, 0x28
0x0000
N/A
R/W
1 Default is valid only until the first register write cycle.
The ALM_CTRL register contains the alarm control variables.
Table 15. ALM_CTRL Bit Designations
Bit
Value
Description
15
Rate of Change (ROC) Enable for Alarm 2
1: ROC is active
0: ROC is inactive
14:12
Alarm 2 Source Selection
000
Alarm disable
001
Alarm source: power supply output
010
Not used
011
Not used
100
Alarm source: auxiliary ADC output
101
Alarm source: temperature sensor output
110
Alarm source: INCL_OUT output
111
Alarm source: INCL_180_OUT output
11
Rate of Change (ROC) Enable for Alarm 1
1: ROC is active
0: ROC is inactive
10:8
Alarm 1 Source Selection
000
Alarm disable
001
Alarm source: power supply output
010
Not used
011
Not used
100
Alarm source: auxiliary ADC output
101
Alarm source: temperature sensor output
110
Alarm source: INCL_OUT output
111
Alarm source: INCL_180_OUT output
7:6
Not used
5
ADF2—Alarm Data Filter
1: Use filtered data for comparison
0: Use instantaneous data for comparison
4
ADF1—Alarm Data Filter
1: Use filtered data for comparison
0: Use instantaneous data for comparison
3
Not used
2
Alarm Output Enable
1: Alarm output enabled
0: Alarm output disabled
1
Alarm Output Polarity
1: Active high
0: Active low
0
Alarm Output Line Select
1: DIO1
0: DIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com