Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6202
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6202 Datasheet HTML 3Page - Linear Technology LT6202 Datasheet HTML 4Page - Linear Technology LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology LT6202 Datasheet HTML 10Page - Linear Technology LT6202 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT6202/LT6203/LT6204
7
620234fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6203, LT6204, LT6202S8
VCM = 0V
1.0
2.5
mV
VCM = V+
2.6
5.5
mV
VCM = V–
2.3
5.0
mV
LT6202 SOT-23
VCM = 0V
1.0
2.7
mV
VCM = V
+
2.6
6.0
mV
VCM = V–
2.3
5.5
mV
Input Offset Voltage Match
VCM = 0V
0.2
1.0
mV
(Channel-to-Channel) (Note 6)
VCM = V– to V+
0.4
2.0
mV
IB
Input Bias Current
VCM = Half Supply
–7.0
–1.3
µA
VCM = V+
1.3
3.0
µA
VCM = V–
–9.5
–3.8
µA
∆IB
IB Shift
VCM = V
– to V+
5.3
12.5
µA
IB Match (Channel-to-Channel) (Note 6)
0.1
0.6
µA
IOS
Input Offset Current
VCM = Half Supply
0.15
1
µA
VCM = V+
0.2
1.2
µA
VCM = V–
0.35
1.3
µA
Input Noise Voltage
0.1Hz to 10Hz
800
nVP-P
en
Input Noise Voltage Density
f = 100kHz
1.9
nV/
√Hz
f = 10kHz
2.8
4.5
nV/
√Hz
in
Input Noise Current Density, Balanced
f = 10kHz
0.75
pA/
√Hz
Input Noise Current Density, Unbalanced
1.1
pA/
√Hz
Input Resistance
Common Mode
4
M
Ω
Differential Mode
12
k
Ω
CIN
Input Capacitance
Common Mode
1.8
pF
Differential Mode
1.5
pF
AVOL
Large Signal Gain
VO = ±4.5V, RL = 1k
75
130
V/mV
VO = ±2.5V, RL = 100
11
19
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
65
85
dB
VCM = –2V to 2V
85
98
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –2V to 2V
85
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.25V to ±5V
60
74
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.25V to ±5V
70
100
dB
VOL
Output Voltage Swing LOW Saturation
No Load
5
50
mV
(Note 8)
ISINK = 5mA
87
190
mV
ISINK = 20mA
245
460
mV
VOH
Output Voltage Swing HIGH Saturation
No Load
40
95
mV
(Note 8)
ISOURCE = 5mA
95
210
mV
ISOURCE = 20mA
320
600
mV
ISC
Short-Circuit Current
±30
±40
mA
IS
Supply Current per Amp
2.8
3.5
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz
70
100
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
18
25
V/
µs
FPBW
Full Power Bandwidth (Note 10)
VOUT = 3VP-P
1.9
2.6
MHz
tS
Settling Time
0.1%, VSTEP = 2V, AV = –1, RL = 1k
78
ns
dG
Differential Gain (Note 11)
AV = 2, RF = RG = 499Ω, RL = 2k
0.05
%
dP
Differential Phase (Note 11)
AV = 2, RF = RG = 499Ω, RL = 2k
0.03
DEG
TA = 25°C, VS = ±5V; VCM = VOUT = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com