Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6202
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 2 Page - Linear Technology

  LT6202 Datasheet HTML 1Page - Linear Technology LT6202 Datasheet HTML 2Page - Linear Technology LT6202 Datasheet HTML 3Page - Linear Technology LT6202 Datasheet HTML 4Page - Linear Technology LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT6202/LT6203/LT6204
2
620234fa
ABSOLUTE
AXI U
RATI GS
Total Supply Voltage (V+ to V–) ............................ 12.6V
Input Current (Note 2) ........................................
±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40
°C to 85°C
Specified Temperature Range (Note 5) ....–40
°C to 85°C
Junction Temperature ........................................... 150
°C
PACKAGE/ORDER I FOR ATIO
(Note 1)
Junction Temperature (DD Package) .................... 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Storage Temperature Range
(DD Package) ........................................–65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 150°C, θJA = 250°C/W
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
–
TJMAX = 150°C, θJA = 190°C/W
ORDER PART
NUMBER
LT6202CS5
LT6202IS5
LTG6
S5 PART
MARKING*
MS8 PART
MARKING
LTB2
LTB3
ORDER PART
NUMBER
LT6202CS8
LT6202IS8
S8 PART
MARKING
6202
6202I
ORDER PART
NUMBER
LT6203CMS8
LT6203IMS8
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V–
ORDER PART
NUMBER
LT6203CDD
LT6203IDD
DD PART
MARKING*
LAAP
*The temperature grades are identified by a label on the shipping container.
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V
–
V+
OUT B
–IN B
+IN B
+
–
ORDER PART
NUMBER
LT6203CS8
LT6203IS8
S8 PART
MARKING
6203
6203I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com