Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6202
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 5 Page - Linear Technology

  LT6202 Datasheet HTML 1Page - Linear Technology LT6202 Datasheet HTML 2Page - Linear Technology LT6202 Datasheet HTML 3Page - Linear Technology LT6202 Datasheet HTML 4Page - Linear Technology LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT6202/LT6203/LT6204
5
620234fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
VCM = Half Supply
q
–7.0
–1.3
µA
VCM = V+
q
1.3
2.5
µA
VCM = V–
q
–8.8
–3.3
µA
∆IB
IB Shift
VCM = V– to V+
q
4.7
11.3
µA
IB Match (Channel-to-Channel) (Note 6)
q
0.1
0.6
µA
IOS
Input Offset Current
VCM = Half Supply
q
0.15
1
µA
VCM = V+
q
0.10
1
µA
VCM = V–
q
0.15
1.1
µA
AVOL
Large Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
q
35
60
V/mV
VS = 5V, VO = 1.5V to 3.5V, RL = 100 to VS/2 q
6.0
12
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
q
15
36
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– to V+
q
60
83
dB
VS = 5V, VCM = 1.5V to 3.5V
q
78
97
dB
VS = 3V, VCM = V
– to V+
q
56
75
dB
CMRR Match (Channel-to-Channel) (Note 6) VS = 5V, VCM = 1.5V to 3.5V
q
83
100
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V, VCM = 0V
q
60
70
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V, VCM = 0V
q
70
100
dB
Minimum Supply Voltage (Note 7)
q
3.0
V
VOL
Output Voltage Swing LOW Saturation
No Load
q
5.0
60
mV
(Note 8)
ISINK = 5mA
q
95
200
mV
ISINK = 15mA
q
260
365
mV
VOH
Output Voltage Swing HIGH Saturation
No Load
q
50
100
mV
(Note 8)
ISOURCE = 5mA
q
115
230
mV
VS = 5V, ISOURCE = 20mA
q
360
635
mV
VS = 3V, ISOURCE = 15mA
q
260
430
mV
ISC
Short-Circuit Current
VS = 5V
q
±20
±33
mA
VS = 3V
q
±20
±30
mA
IS
Supply Current per Amp
VS = 5V
q
3.1
3.85
mA
VS = 3V
q
2.75
3.50
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz
q
87
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
q
15
21
V/
µs
FPBW
Full Power Bandwidth (Note 10)
VS = 5V, VOUT = 3VP-P
q
1.6
2.2
MHz
The q denotes the specifications which apply over 0
°C < TA < 70°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V, 0V, VCM = Half Supply
LT6203, LT6204, LT6202S8
q
0.2
0.8
mV
LT6202 SOT-23
q
0.2
1.0
mV
VS = 3V, 0V, VCM = Half Supply
LT6203, LT6204, LT6202S8
q
0.6
2.0
mV
LT6202 SOT-23
q
0.6
2.2
mV
VS = 5V, 0V, VCM = V
+ to V –
LT6203, LT6204, LT6202S8
q
1.0
3.0
mV
LT6202 SOT-23
q
1.0
3.5
mV
VS = 3V, 0V, VCM = V+ to V –
LT6203, LT6204, LT6202S8
q
1.4
4.5
mV
LT6202 SOT-23
q
1.4
4.7
mV
The q denotes the specifications which apply over –40
°C < TA < 85°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half
supply, unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com