Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6202
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology LT6202 Datasheet HTML 10Page - Linear Technology LT6202 Datasheet HTML 11Page - Linear Technology LT6202 Datasheet HTML 12Page - Linear Technology LT6202 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT6202/LT6203/LT6204
9
620234fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS TC
Input Offset Voltage Drift (Note 9)
VCM = Half Supply
q
7.5
24
µV/°C
Input Offset Voltage Match
VCM = 0V
q
0.3
1.0
mV
(Channel-to-Channel) (Note 6)
VCM = V– to V+
q
0.6
2.5
mV
IB
Input Bias Current
VCM = Half Supply
q
–7.0
–1.4
µA
VCM = V+
q
1.8
3.6
µA
VCM = V
–
q
–10
–4.5
µA
∆IB
IB Shift
VCM = V– to V+
q
5.4
13
µA
IB Match (Channel-to-Channel) (Note 6)
q
0.15
0.7
µA
IOS
Input Offset Current
VCM = Half Supply
q
0.15
1
µA
VCM = V
+
q
0.3
1.2
µA
VCM = V–
q
0.5
1.6
µA
AVOL
Large Signal Gain
VO = ±4.5V, RL = 1k
q
60
110
V/mV
VO = ±1.5V RL = 100
q
6.0
13
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
– to V+
q
65
84
dB
VCM = –2V to 2V
q
80
95
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –2V to 2V
q
80
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
q
60
70
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
q
70
100
dB
VOL
Output Voltage Swing LOW Saturation
No Load
q
775
mV
(Note 8)
ISINK = 5mA
q
98
205
mV
ISINK = 15mA
q
260
500
mV
VOH
Output Voltage Swing HIGH Saturation
No Load
q
70
130
mV
(Note 8)
ISOURCE = 5mA
q
130
250
mV
ISOURCE = 15mA
q
360
640
mV
ISC
Short-Circuit Current
q
±15
±25
mA
IS
Supply Current per Amp
q
3.8
4.5
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz
q
90
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
q
13
18
V/
µs
FPBW
Full Power Bandwidth (Note 10)
VOUT = 3VP-P
q
1.4
1.9
MHz
The q denotes the specifications which apply over –40
°C < TA < 85°C
temperature range. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Inputs are protected by back-to-back diodes and diodes to each
supply. If the inputs are taken beyond the supplies or the differential input
voltage exceeds 0.7V, the input current must be limited to less than 40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6202C/LT6202I, LT6203C/LT6203I and LT6204C/LT6204I
are guaranteed functional over the temperature range of –40
°C and 85°C.
Note 5: The LT6202C/LT6203C/LT6204C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT6202C/LT6203C/LT6204C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C, but are not tested or QA sampled at these temperatures.
The LT6202I/LT6203I/LT6204I are guaranteed to meet specified
performance from –40
°C to 85°C.
Note 6: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6204; between the two amplifiers
of the LT6203. CMRR and PSRR match are defined as follows: CMRR and
PSRR are measured in
µV/V on the identical amplifiers. The difference is
calculated between the matching sides in
µV/V. The result is converted to
dB.
Note 7: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 8: Output voltage swings are measured between the output and
power supply rails.
Note 9: This parameter is not 100% tested.
Note 10: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 11: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°. Ten
identical amplifier stages were cascaded giving an effective resolution of
0.01% and 0.01
°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com