Electronic Components Datasheet Search
  English  ▼

X  

BGY205 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGY205
Description  UHF amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY205 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGY205 Datasheet HTML 3Page - NXP Semiconductors BGY205 Datasheet HTML 4Page - NXP Semiconductors BGY205 Datasheet HTML 5Page - NXP Semiconductors BGY205 Datasheet HTML 6Page - NXP Semiconductors BGY205 Datasheet HTML 7Page - NXP Semiconductors BGY205 Datasheet HTML 8Page - NXP Semiconductors BGY205 Datasheet HTML 9Page - NXP Semiconductors BGY205 Datasheet HTML 10Page - NXP Semiconductors BGY205 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1996 May 21
8
Philips Semiconductors
Product specification
UHF amplifier module
BGY205
List of components (see Fig.16)
Note
1. The striplines are on a double copper-clad printed-circuit board with PTFE fibreglass dielectric (
εr = 2.2); thickness
1
⁄32 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2
multilayer ceramic chip capacitor
680 pF
2222 851 11681
C3
tantalum capacitor
2.2
µF; 35 V
−
C4
electrolytic capacitor
47
µF; 40 V
2222 030 37479
L1
Grade 4S2 Ferroxcube bead
4330 030 36300
Z1, Z2
stripline; note 1
50
Ω
width = 2.33 mm
−
R1
metal film resistor
100
Ω; 0.6 W
2322 156 11001
Fig.17 Printed-circuit board layout.
handbook, full pagewidth
MSA915
VS
V C
90
12
3
4
50
Ω
output
50
Ω
input
60
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com