Electronic Components Datasheet Search
  English  ▼

X  

BGY205 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY205
Description  UHF amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY205 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY205 Datasheet HTML 1Page - NXP Semiconductors BGY205 Datasheet HTML 2Page - NXP Semiconductors BGY205 Datasheet HTML 3Page - NXP Semiconductors BGY205 Datasheet HTML 4Page - NXP Semiconductors BGY205 Datasheet HTML 5Page - NXP Semiconductors BGY205 Datasheet HTML 6Page - NXP Semiconductors BGY205 Datasheet HTML 7Page - NXP Semiconductors BGY205 Datasheet HTML 8Page - NXP Semiconductors BGY205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1996 May 21
4
Philips Semiconductors
Product specification
UHF amplifier module
BGY205
Fig.2
Load power as a function of control voltage;
typical values.
ZS =ZL =50 Ω; PD = 3 dBm; VS =6V;
Tmb =25 °C; δ = 1 : 8; tp = 575 µs.
handbook, halfpage
2.5
2.7
3.5
PL
(dBm)
40
30
10
0
20
MBG742
2.9
3.1
3.3
VC (V)
880 MHz
915 MHz
Fig.3
Load power as a function of drive power;
typical values.
ZS =ZL =50 Ω; VS = 6 V; PL = 3.5 mW;
Tmb =25 °C; δ = 1 : 8; tp = 575 µs.
−15
−10
−20
−50
5
−10
−20
0
10
20
30
40
PL
(dBm)
PD (dBm)
MBG741
880 MHz
915 MHz
Fig.4
Output amplitude modulation as a
function of load power; typical values.
ZS =ZL =50 Ω; PD = 3 dBm; VS = 6 V; Tmb =25 °C;
δ = 1 : 8; tp = 575 µs; input amplitude modulation = 3%.
handbook, halfpage
010
20
0
4
2
6
8
10
12
PL (dBm)
MBG740
30
40
880 MHz
915 MHz
Fig.5
Efficiency as a function of load power;
typical values.
ZS =ZL =50 Ω; PD = 3 dBm; VS =6V;
Tmb =25 °C; δ = 1 : 8; tp = 575 µs.
handbook, halfpage
01
50
40
20
10
30
MBG739
234
P (W)
L
η
(%)
890 MHz
915 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com