Electronic Components Datasheet Search
  English  ▼

X  

BGY205 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGY205
Description  UHF amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY205 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGY205 Datasheet HTML 3Page - NXP Semiconductors BGY205 Datasheet HTML 4Page - NXP Semiconductors BGY205 Datasheet HTML 5Page - NXP Semiconductors BGY205 Datasheet HTML 6Page - NXP Semiconductors BGY205 Datasheet HTML 7Page - NXP Semiconductors BGY205 Datasheet HTML 8Page - NXP Semiconductors BGY205 Datasheet HTML 9Page - NXP Semiconductors BGY205 Datasheet HTML 10Page - NXP Semiconductors BGY205 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1996 May 21
9
Philips Semiconductors
Product specification
UHF amplifier module
BGY205
SOLDERING
The indicated temperatures are those at the solder
interfaces.
Advised solder types are types with a liquidus less than or
equal to 210
°C.
Solder dots or solder prints must be large enough to wet
the contact areas.
Footprints for soldering should cover the module contact
area +0.1 mm on all sides.
Soldering can be carried out using a conveyor oven, a hot
air oven, an infrared oven or a combination of these ovens.
Hand soldering must be avoided because the soldering
iron tip can exceed the maximum permitted temperature of
250
°C and damage the module.
The maximum temperature profile and soldering time is
indicated as follows (see Fig.18):
t = 350 s at 100
°C
t = 300 s at 125
°C
t = 200 s at 150
°C
t = 100 s at 175
°C
t = 50 s at 200
°C
t = 5 s at 250
°C (maximum temperature).
Cleaning
The following fluids may be used for cleaning:
• Alcohol
• Bio-Act (Terpene Hydrocarbon)
• Triclean B/S
• Acetone.
Ultrasonic cleaning should not be used since this can
cause serious damage to the product.
Fig.18 Maximum allowable temperature profile.
handbook, halfpage
0
300
200
100
0
100
200
400
MLB740
300
Tmb
( C)
o
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com