Electronic Components Datasheet Search
  English  ▼

X  

BGY205 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY205
Description  UHF amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY205 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY205 Datasheet HTML 1Page - NXP Semiconductors BGY205 Datasheet HTML 2Page - NXP Semiconductors BGY205 Datasheet HTML 3Page - NXP Semiconductors BGY205 Datasheet HTML 4Page - NXP Semiconductors BGY205 Datasheet HTML 5Page - NXP Semiconductors BGY205 Datasheet HTML 6Page - NXP Semiconductors BGY205 Datasheet HTML 7Page - NXP Semiconductors BGY205 Datasheet HTML 8Page - NXP Semiconductors BGY205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1996 May 21
3
Philips Semiconductors
Product specification
UHF amplifier module
BGY205
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
ZS =ZL =50 Ω;PD = 3 dBm; VS = 6 V; VC ≤ 4 V; f = 880 to 915 MHz; Tmb =25 °C; δ = 1 : 8; tp = 575 µs; unless
otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VS
DC supply voltage
−
8.5
V
VC
DC control voltage
−
4.5
V
PD
input drive power
−
7mW
PL
load power
−
4W
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−30
+100
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IQ
leakage current
VC = 0.5 V
−−
100
µA
IC
control current
adjust VC for PL = 3.5 W
−−
500
µA
PL
load power
VC = 4 V
3.5
−−
W
Gp
power gain
adjust VC for PL = 3.5 W
32.5
−−
dB
η
efficiency
adjust VC for PL = 3.5 W
40
45
−
%
H2
second harmonic
adjust VC for PL = 3.5 W
−−−40
dBc
H3
third harmonic
adjust VC for PL = 3.5 W
−−−40
dBc
VSWRin
input VSWR
adjust VC for PL = 3.5 W
−−
2:1
stability
PD = 0 to 6 dBm; VS =5to8.5 V;
VC = 0 to 4 V; PL ≤ 3.5 W;
VSWR
≤ 6 : 1 through all phases
−−−60
dBc
isolation
VC = 0.5 V
−−−36
dBm
control bandwidth
R1 = 0; C1 = 0; see Fig.16
1
−−
MHz
AM-AM conversion
PD with 3% AM; f = 100 kHz;
PL = 3.5 mW to 3.5 W
−−
12
%
Pn
noise power
PL = 3.5 W; bandwidth = 30 kHz;
20 MHz above transmitter band
−−−85
dBm
ruggedness
VS = 8.5 V; adjust VC for PL = 3.5 W;
VSWR
≤ 10 : 1 through all phases
no degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com