Electronic Components Datasheet Search
  English  ▼

X  

TCP8570 Datasheet(PDF) 31 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 31 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 27Page - Hosiden Corporation TCP8570 Datasheet HTML 28Page - Hosiden Corporation TCP8570 Datasheet HTML 29Page - Hosiden Corporation TCP8570 Datasheet HTML 30Page - Hosiden Corporation TCP8570 Datasheet HTML 31Page - Hosiden Corporation TCP8570 Datasheet HTML 32Page - Hosiden Corporation TCP8570 Datasheet HTML 33Page - Hosiden Corporation TCP8570 Datasheet HTML 34Page - Hosiden Corporation TCP8570 Datasheet HTML 35Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
30
Unit:mm
TCP8943 Series
TCP8942 Series
TCP8926 Series
TCP8920 Series
9P Plugs (Moulded Type)
Can be also available for 3.8 Dia.Cable.
TCP8920
TCP8926
TCP8942
TCP8943
∅12
40
27
6
∅A
20
30
7
20
30
7
∅11.5
6
5
22
40
13.6
∅A
Can be also available for 3.8 Dia.Cable.
Suitable
Cord Dia. A
4.8 mm TCP8920
3.8 mm TCP8913
Suitable
Cord Dia. A
4.8 mm TCP8926
3.8 mm TCP8923
Combinations with sockets: TCS7913, TCS7928, TCS7712, TCS7717
Combinations with sockets: TCS7913-43, TCS7963, TCS7717
Combinations with sockets: TCS7913
Combinations with sockets: TCS7913
Color: Black
Color: Black
Color: Black, Gray#1, Gray#2
Color: Black, Gray#1, Gray#2
Plugs are equipped with a cable. (Plugs cannot be sold independently.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com