Electronic Components Datasheet Search
  English  ▼

X  

TCP8570 Datasheet(PDF) 36 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 36 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 32Page - Hosiden Corporation TCP8570 Datasheet HTML 33Page - Hosiden Corporation TCP8570 Datasheet HTML 34Page - Hosiden Corporation TCP8570 Datasheet HTML 35Page - Hosiden Corporation TCP8570 Datasheet HTML 36Page - Hosiden Corporation TCP8570 Datasheet HTML 37Page - Hosiden Corporation TCP8570 Datasheet HTML 38Page - Hosiden Corporation TCP8570 Datasheet HTML 39Page - Hosiden Corporation TCP8570 Datasheet HTML 40Page - Hosiden Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
35
Unit:mm
TCS7721 Series
Reverse key groove style
TCP8945 Series
(B Type)
10P Connectors (Quick Lock Type)
TCP8945
EMI-Proof
TCS7721-5120177
EMI-Proof
14.6
∅5.5
33.7
5
6.7
43.7
∅11.6
14
13 max.
Arrangement
8
4
10
9
5
6
7
1
2
3
Combinations with Sockets: TCS7721
Arrangement
1
2
3
4
5
7
8 9
10
6
Combinations with plugs: TCP8945
Color: Black
Plugs are equipped with a cable. (Plugs cannot be
sold independently.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com