Electronic Components Datasheet Search
  English  ▼

X  

TCP8570 Datasheet(PDF) 34 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 34 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 30Page - Hosiden Corporation TCP8570 Datasheet HTML 31Page - Hosiden Corporation TCP8570 Datasheet HTML 32Page - Hosiden Corporation TCP8570 Datasheet HTML 33Page - Hosiden Corporation TCP8570 Datasheet HTML 34Page - Hosiden Corporation TCP8570 Datasheet HTML 35Page - Hosiden Corporation TCP8570 Datasheet HTML 36Page - Hosiden Corporation TCP8570 Datasheet HTML 37Page - Hosiden Corporation TCP8570 Datasheet HTML 38Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
33
Unit:mm
TCP8949 Series
(A Type)
TCP8948 Series
(A Type)
TCP8938 Series
(A Type)
10P Plugs (Quick Lock Type)
EMI-Proof
TCP8948-210105
TCP8949-010105
3
2
1
.
7
1
5
6
7
10
14.4
∅11.6
∅5.5
∅11.6
14.6
∅5.5
33.7
5
6.7
43.7
14
6.5
11
21
12
Arrangement
8
10
9
5
4
6
1 2
3
7
Arrangement
8
10
9
5
4
6
1 2
3
7
Arrangement
8
10
9
5
4
6
1 2
3
7
Combinations with sockets: TCS7705, TCS7718
Combinations with sockets: TCS7705, TCS7718
Combinations with sockets: TCS7705, TCS7718
Color: Black, Gray1, Gray2
Color: Black
Color: Black
Plugs are equipped with a cable. (Plugs cannot be
sold independently.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com