Electronic Components Datasheet Search
  English  ▼

X  

TCP8570 Datasheet(PDF) 15 Page - Hosiden Corporation

Part # TCP8570
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8570 Datasheet(HTML) 15 Page - Hosiden Corporation

Back Button TCP8570 Datasheet HTML 11Page - Hosiden Corporation TCP8570 Datasheet HTML 12Page - Hosiden Corporation TCP8570 Datasheet HTML 13Page - Hosiden Corporation TCP8570 Datasheet HTML 14Page - Hosiden Corporation TCP8570 Datasheet HTML 15Page - Hosiden Corporation TCP8570 Datasheet HTML 16Page - Hosiden Corporation TCP8570 Datasheet HTML 17Page - Hosiden Corporation TCP8570 Datasheet HTML 18Page - Hosiden Corporation TCP8570 Datasheet HTML 19Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
14
Unit:mm
TCS7927-□□-401 Series
h=6.5mm
Horizontal Sockets
A-Type
TCS7927-5841177
EMI-Proof
B-Type
TCS7927-78-401
A-Type
TCS7927-2801177
EMI-Proof
B-Type
TCS7927-18-401
A-Type
TCS7927-6821177
EMI-Proof
14
14.5
1.5
14
14.5
1.5
M3×0.5 TAP
14
12.5
16
14.5
1.5
∅2.65
TCS7927-5841177
TCS7927-2801177
Model No. Table
Contact Arrangement
4
5a
6
7
8a
8b
TCS7927-□□-401
Series
TCS7927-74-401
TCS7927-75-401
TCS7927-76-401
TCS7927-77-401
TCS7927-78-401
TCS7927-79-401
1
0
4
-
8
1
-
7
2
9
7
S
C
T
1
0
4
-
6
1
-
7
2
9
7
S
C
T
1
0
4
-
5
1
-
7
2
9
7
S
C
T
1
0
4
-
4
1
-
7
2
9
7
S
C
T
TCS7927-5441177 TCS7927-5541177 TCS7927-5641177 TCS7927-5741177 TCS7927-5841177 TCS7927-5941177
TCS7927-2401177 TCS7927-2501177 TCS7927-2601177 TCS7927-2701177 TCS7927-2801177 TCS7927-2901177
TCS7927-6421177 TCS7927-6521177 TCS7927-6621177 TCS7927-6721177 TCS7927-6821177 TCS7927-6921177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com