Electronic Components Datasheet Search
  English  ▼

X  

IMX415 Datasheet(PDF) 17 Page - Sony Corporation

Part # IMX415
Description  Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX415 Datasheet(HTML) 17 Page - Sony Corporation

Back Button IMX415 Datasheet HTML 13Page - Sony Corporation IMX415 Datasheet HTML 14Page - Sony Corporation IMX415 Datasheet HTML 15Page - Sony Corporation IMX415 Datasheet HTML 16Page - Sony Corporation IMX415 Datasheet HTML 17Page - Sony Corporation IMX415 Datasheet HTML 18Page - Sony Corporation IMX415 Datasheet HTML 19Page - Sony Corporation IMX415 Datasheet HTML 20Page - Sony Corporation IMX415 Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
IMX415-AAQR-C
17
System Clear (XCLR)
XCLR
0.8 × OVDD
0.2 × OVDD
tWLXCLR
Tf_xclr
Tr_xclr
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
XCLR Low level pulse width
tWLXCLR
4 / fINCK
―
―
ns
XCLR Rise time
Tr_xclr
―
―
5
ns
20 % to 80 %
XCLR Fall time
Tf_xclr
―
―
5
ns
80 % to 20 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com