Electronic Components Datasheet Search
  English  ▼

X  

IMX415 Datasheet(PDF) 39 Page - Sony Corporation

Part # IMX415
Description  Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX415 Datasheet(HTML) 39 Page - Sony Corporation

Back Button IMX415 Datasheet HTML 35Page - Sony Corporation IMX415 Datasheet HTML 36Page - Sony Corporation IMX415 Datasheet HTML 37Page - Sony Corporation IMX415 Datasheet HTML 38Page - Sony Corporation IMX415 Datasheet HTML 39Page - Sony Corporation IMX415 Datasheet HTML 40Page - Sony Corporation IMX415 Datasheet HTML 41Page - Sony Corporation IMX415 Datasheet HTML 42Page - Sony Corporation IMX415 Datasheet HTML 43Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
IMX415-AAQR-C
39
Address
bit
Register
name
Description
Default value
after reset
Reflection
timing
By
register
By
address
3046h
0
PIX_VWIDTH
[12:0]
LSB
1120h
20h
V
1
In window cropping mode
Cropping width
(Vertical direction)
Designated in Line × 2,
Multiples of 4
2
3
4
5
6
7
3047h
0
11h
1
2
3
4
MSB
5
―
Fixed to “0h”
0h
―
6
―
Fixed to “0h”
0h
―
7
―
Fixed to “0h”
0h
―
3050h
0
SHR0
[19:0]
LSB
00066h
66h
V
1
Storage time adjustment
Designated in line units.
2
3
4
5
6
7
3051h
0
00h
1
2
3
4
5
6
7
3052h
0
00h
1
2
3
MSB
4
―
Fixed to “0h”
0h
―
5
―
Fixed to “0h”
0h
―
6
―
Fixed to “0h”
0h
―
7
―
Fixed to “0h”
0h
―
3081h
[7:0]
―
Fixed to “00h”
00h
00h
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com