Electronic Components Datasheet Search
  English  ▼

X  

IMX415 Datasheet(PDF) 84 Page - Sony Corporation

Part # IMX415
Description  Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX415 Datasheet(HTML) 84 Page - Sony Corporation

Back Button IMX415 Datasheet HTML 80Page - Sony Corporation IMX415 Datasheet HTML 81Page - Sony Corporation IMX415 Datasheet HTML 82Page - Sony Corporation IMX415 Datasheet HTML 83Page - Sony Corporation IMX415 Datasheet HTML 84Page - Sony Corporation IMX415 Datasheet HTML 85Page - Sony Corporation IMX415 Datasheet HTML 86Page - Sony Corporation IMX415 Datasheet HTML 87Page - Sony Corporation IMX415 Datasheet HTML 88Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
IMX415-AAQR-C
84
Power-on and Power-off Sequence
Power-on sequence
1.
Turn On the power supplies so that the power supplies rise in order of 1.1 V power supply (DVDD) →1.8 V power
supply (OVDD) → 2.9 V power supply (AVDD). In addition, all power supplies should finish rising within 200 ms.
2.
The register values are undefined immediately after power-on, so the system must be cleared. Hold XCLR at Low
level for 500 ns or more after all the power supplies have finished rising. (The register values after a system clear
are the default values.)
3.
The system clear is applied by setting XCLR to High level. The maser clock input after setting the XCLR pin to High
level.
4.
Make the sensor setting by register communication after the system clear.
2.9 V power supply (AVDD)
1.8 V power supply (OVDD)
1.1 V power supply (DVDD)
INCK
SDA
SCL
XVS
XHS
T1
T0
T2
Initial setting
Standby mode cancel
TSYNC
Depend on the rising of
1.8V power supply
XCLR
TLOW
T3
Slave mode : XVS and XHS must not be over OVDD
Master mode : Depend on the rising of 1.8V power supply
T4
SLAMODE0
SLAMODE1
After rising of OVDD
Power-on Sequence
Item
Symbol
Min.
Max.
Unit
1.1 V power supply rising
→ 1.8 V power supply rising
T0
0
―
ns
1.8 V power supply rising
→ 2.9 V power supply rising
T1
0
―
ns
Rising time of all power supply
T2
―
200
ms
2.9 V power supply rising
→ Clear OFF
TLOW
500
―
ns
Clear OFF
→ INCK rising
T3
1
―
µs
Clear OFF
→ Communication start
T4
20
―
µs
Standby OFF (communication)
→ External input XHS, XVS (slave mode only)
TSYNC
24
―
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com