Electronic Components Datasheet Search
  English  ▼

X  

IMX415 Datasheet(PDF) 21 Page - Sony Corporation

Part # IMX415
Description  Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX415 Datasheet(HTML) 21 Page - Sony Corporation

Back Button IMX415 Datasheet HTML 17Page - Sony Corporation IMX415 Datasheet HTML 18Page - Sony Corporation IMX415 Datasheet HTML 19Page - Sony Corporation IMX415 Datasheet HTML 20Page - Sony Corporation IMX415 Datasheet HTML 21Page - Sony Corporation IMX415 Datasheet HTML 22Page - Sony Corporation IMX415 Datasheet HTML 23Page - Sony Corporation IMX415 Datasheet HTML 24Page - Sony Corporation IMX415 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
IMX415-AAQR-C
21
I/O Equivalent Circuit Diagram
TENABLE
SDA
SCL
XVS
XHS
TOUT
XCLR
SLAMODE1
SLAMODE2
VRLRS
VRLT
Symbol
Equivalent circuit
Symbol
: External pin
Equivalent circuit
TVMON
DMOPx
DMOMx
DMCKP
DMCKM
INCK
VRHT
VSSLSC
VDDMIO
in
100 kΩ
VSSLSC
VDDMIO
inout
100 kΩ
VSSLPL
VDDMIO
in
VSSLSC
VDDMIO
in
VSSLSC
VDDMIO
inout
VRLx
VSSHPX
VSSHAN
VDDHAN
in/out
VSSLIF
VDDLIF
DMOPx
DMCKP
DMOMx
DMCKM
VSSHPX
VRHx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com