Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ES1C
Description  Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1C Datasheet(HTML) 2 Page - Omron Electronics LLC

  ES1C Datasheet HTML 1Page - Omron Electronics LLC ES1C Datasheet HTML 2Page - Omron Electronics LLC ES1C Datasheet HTML 3Page - Omron Electronics LLC ES1C Datasheet HTML 4Page - Omron Electronics LLC ES1C Datasheet HTML 5Page - Omron Electronics LLC ES1C Datasheet HTML 6Page - Omron Electronics LLC ES1C Datasheet HTML 7Page - Omron Electronics LLC ES1C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ES1C
2
Ratings and Characteristics
Note: EN61326-1 : Industrial electromagnetic environment (EN/IEC 61326-1 Table 2)
Connections
Measurement Range
Dimensions
(Unit: mm)
Item
Model
ES1C
Power supply voltage
12 to 24 VDC
Operating voltage range
90% to 110% of rated voltage
Current consumption
70 mA max.
Measuring temperature range
0 to 400
°C
Measurement accuracy
0 to 200
°C: ±2°C, 201 to 400°C: ±1% PV (emissivity: 0.95)
Influence of
EMS
Radiated electromagnetic
field immunity
±10°C max.
Imunity Conducted
Disturbance
±10°C max.
Response time
100 ms/90%
Reproducibility
±1% of reading value
Measurement wavelength
8 to 14
μm
Light-receiving element
Thermopile
Emissivity
0.95 fixed
Current output
4 to 20 mA DC, Load: 250
Ω max.
Ambient temperature range
Operating: 0 to 70
°C, Storage: −20 to 70°C (with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85%
Vibration resistance (destruction)
1.5-mm amplitude at 10 to 55 Hz for 2 hours each in the X, Y, and Z directions
Weight
180 g
Degree of protection
Equivalent to IP67
Applicable safety standards
CE Marking (See note.)
Power supply:
12 to 24 VDC
4 to 20 mA DC
Brown
Blue
Black
Gray
Shield
F.G.
+
+
−
+
−
−
Connected
device
8888
110 dia.
80 dia.
70 dia.
300
500
1000
[mm]
Note: The measurement range is the measurement diameter for an optical
response of 90%. Make sure that the actual object to be measured is
sufficiently larger than the measurement diameters in the above figure.
12 dia. (lens diameter)
M18×P1.0
60 (threaded section)
(cable length)
2,000
120
24
ES1C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com