Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # ES1C
Description  Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1C Datasheet(HTML) 3 Page - Omron Electronics LLC

  ES1C Datasheet HTML 1Page - Omron Electronics LLC ES1C Datasheet HTML 2Page - Omron Electronics LLC ES1C Datasheet HTML 3Page - Omron Electronics LLC ES1C Datasheet HTML 4Page - Omron Electronics LLC ES1C Datasheet HTML 5Page - Omron Electronics LLC ES1C Datasheet HTML 6Page - Omron Electronics LLC ES1C Datasheet HTML 7Page - Omron Electronics LLC ES1C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ES1C
3
Characteristics of Infrared Thermosensors
1. Principles of Infrared Thermosensors
The ES1C uses thermopile light-receiving elements to receive
the specific wavelengths (8 to 14
μm) in the infrared range ra-
diated from the measurement range of the measurement ob-
ject, converts the received light into an output signal in the
internal circuits, and outputs a current that corresponds to the
measured temperature.
2. Measurement Error due to Emissivity
The ES1C outputs a current of 4 to 20 mA for measurement
object temperatures of 0 to 400
°C at a emissivity of 0.95. If the
emissivity of the measurement object is less than 0.9, the ef-
fects of the ambient temperature will cause measurement er-
ror. Glossy metal surfaces generally have an extremely low
emissivity, and so operation is easily affected by the ambient
temperature, and it is difficult to measure the temperature of
the measurement object. (Refer to the emissivities that are
given on page 5.)
In an application like this, select a location with a high emissiv-
ity, or use Black spray or Black tape as necessary.
Setting and Adjusting the Connected Device
This section describes an example of making settings and adjustments when a Digital Temperature Controller and Digital Panel
Meter are connected.
1. Mounting
• Select a location with a high emissivity for the object to be
measured. If required, use Black spray or Black tape.
• Secure the Thermosensor with the enclosed lock nuts. Use
a tightening torque of 20 N·m max.
• Mount the Thermosensor so that it is perpendicular to the
object to be measured.
• Mount the Thermosensor in a location that is not subject to
ambient temperatures above 70
°C, to direct hot air, etc.
2. Setting the Connected Device
Make the settings so that 0.0 to 400.0
°C is displayed for an
output of 4 to 20 mA for the ES1C.
* For details, refer to the User’s Manual for the connected device.
3. Adjusting the Connected Device
Error may occur due to the emissivity of the measurement en-
vironment or measurement object. There are two easy meth-
ods that can be used to adjust the error: simple shifting and
two-point shifting, as described in the following section.
● Adjustment Example for the E5@N-L (Analog Input) *
* E5@N Series have been discontinued at the end of March 2017.
A Shift Method
1. Measuring the Temperature of the Measurement Object
Use the thermometer (B) to measure the actual tempera-
ture when using the measurement object (C).
2. Shifting the Display Value of the Connected Device
Adjust the settings of the connected device after checking
the following value:
Temperature B (thermometer)
− Temperature A (connect-
ed device)
If temperature B minus temperature A is 10.0, adjust the
settings so that measurement value of the connected de-
vice is +10.0.
• Scaling upper limit = 4,000 to 4,100
• Scaling lower limit = 0 to 100
(The setting for the decimal point position is 1, and so the
scaling set value will be increased by 100 for a displayed
value of +10.0.)
Thermopile
Internal circuit
Output signal
(4 to 20 mA)
E5
@N-@L Digital Temperature
Controller (Analog Input)
K3GN-ND
@ Digital Panel
Meter (DC Input)
Input type
0 (4 to 20 mA) Input type
Analog
Scaling upper limit
4,000
Analog range
scaling input value 1
4 to 20
4.00
Scaling lower limit
0
Scaling display value 1
scaling input value 2
0
20.00
Decimal point
position
1
Scaling display value 2
4,000
Decimal point
position
0000.0
Measurement object (C)
Thermometer (B)
Power supply (D)
Connected device (A)
ES1C
Setup for Adjustment
Before shift
After shift
+10.0
Value indicated by connected device (A)
Value indicated after
shift (e.g., 100.0)
Value indicated before
shift (e.g., 90.0)
Measurement object
temperature (e.g., 100
°C)
(
°C)
(
°C)
Temperature indicated
by thermometer (B)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com