Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ES1C
Description  Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1C Datasheet(HTML) 5 Page - Omron Electronics LLC

  ES1C Datasheet HTML 1Page - Omron Electronics LLC ES1C Datasheet HTML 2Page - Omron Electronics LLC ES1C Datasheet HTML 3Page - Omron Electronics LLC ES1C Datasheet HTML 4Page - Omron Electronics LLC ES1C Datasheet HTML 5Page - Omron Electronics LLC ES1C Datasheet HTML 6Page - Omron Electronics LLC ES1C Datasheet HTML 7Page - Omron Electronics LLC ES1C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ES1C
5
Emissivities
Note: Operation will be easily affected by the ambient temperature if the emissivity of the measurement object is lower than 0.9. Glossy metal surfaces generally have
an extremely low emissivity, and it is difficult to measure the temperature of the measurement object. Use Black spray or Black tape.
Item
Emissivity
Item
Emissivity
Metals
Aluminum
Iron oxide
0.78 to 0.82
Pure aluminum, high-gloss alumi-
num
0.04 to 0.06
Red rusted iron
0.69
Aluminum oxide
0.76
Gray oxidized lead
0.28
Commercially available aluminum
sheets
0.09
Mercury
0.09 to 0.12
Brass
Molybdenum filament
0.10 to 0.20
High-gloss sheets of pure brass
0.10
Nickel
Brass oxide
0.56 to 0.64
Glossy
0.07
Glossy chrome
0.08 to 0.36
Nickel oxide
0.90
Chrome oxide
0.81
Platinum
Copper
Glossy platinum sheets
0.05 to 0.10
Glossy
0.05
Platinum wire rods
0.07 to 0.18
Copper oxide
0.78
Glossy pure silver
0.03 to 0.28
Bronze with uneven surface
0.55
Stainless steel
Glossy pure gold
0.02 to 0.03
Glossy
0.07
Iron and steel (except stainless)
Rolled stainless steel
0.45
Glossy iron
0.14 to 0.38
Glossy tin
0.06
Glossy cast iron
0.21
Etched tungsten filament
0.03 to 0.35
Glossy wrought iron
0.28
Zinc
Oxidized dull-colored wrought iron
0.94
Commercially available glossy pure zinc
0.05
Rusty iron sheet
0.69
Galvanized sheets
0.21
Glossy steel
0.07
Zinc oxide
0.11 to 0.28
Thin rolled steel sheets
0.66
Titanium oxide
0.40 to 0.60
Unpolished steel sheets
0.94 to 0.97
Item
Emissivity
Item
Emissivity
Non-
metals
Asbestos
0.93 to 0.94
Water
0.92 to 0.96
Bricks
Ice
0.96 to 0.98
Red, unpolished
0.93
Snow
0.83
Fireclay
0.75
Glass
0.85 to 0.95
Carbon
Ceramics
0.90 to 0.94
Filament
0.53
Marble
0.94
Soot film
0.84 to 0.95
Fluorite
0.30 to 0.40
Paint, lacquer, varnish
Gypsum
0.80 to 0.90
Coated lacquer
0.80 to 0.95
Plaster
0.89 to 0.91
White enamel
0.91
Brick (red)
0.93 to 0.95
Black lacquer
0.96 to 0.98
Fibers
0.90
Aluminum paint
0.27 to 0.67
Cloth (black)
0.98
16-color oil-based paint
0.92 to 0.96
Skin (human)
0.98
Glazed porcelain
0.92
Leather
0.75 to 0.80
Opaque crystals (quartz)
0.68 to 0.92
Charcoal (powder)
0.96
Asphalt
0.90 to 0.98
Rubber (black)
0.94
Concrete
0.94
Plastic
0.85 to 0.95
Cement
0.96
Lumber
0.90
Sand
0.90
Paper
0.70 to 0.94
Dirt
0.92 to 0.96



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com