Electronic Components Datasheet Search
  English  ▼

X  

IM12 Datasheet(PDF) 13 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 13 Page - SICK AG

Back Button IM12 Datasheet HTML 9Page - SICK AG IM12 Datasheet HTML 10Page - SICK AG IM12 Datasheet HTML 11Page - SICK AG IM12 Datasheet HTML 12Page - SICK AG IM12 Datasheet HTML 13Page - SICK AG IM12 Datasheet HTML 14Page - SICK AG IM12 Datasheet HTML 15Page - SICK AG IM12 Datasheet HTML 16Page - SICK AG IM12 Datasheet HTML 17Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SENSICK CATALOGUE
224
Inductive sensor, IM 12, DC 3-wire, Advanced short series, Non-flush
Sensing range
8 mm
Inductive sensor
Enhanced sensing range
High switching frequency
Short-circuit protection (pulsed)
Robust brass housing, nickel-
plated with fine thread
M12 x 1 mm
Enclosure rating IP 67
Dimensional drawing
40
25
30
1
2
3
52.2
30
35
1
2
3
1
Connection
2
Display LED
3
Fastening nuts (2 x); width across 17, metal
Connection type
IM12-08NNS-ZWK
IM12-08NPS-ZWK
IM12-08NNS-ZCK
IM12-08NPS-ZCK
IM12-08NNO-ZCK
IM12-08NPO-ZCK
3 x 0.22 mm
²
brn
blk
blu
L+
NO
M
M12, 4-pin
brn
blk
L+
NO
1
4
2
blu
M
3
M12, 4-pin
brn
blk
L+
NC
1
4
2
blu
M
3
See chapter Accessories
Connector, M12, 4-pin
Mounting systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com