Electronic Components Datasheet Search
  English  ▼

X  

IM12 Datasheet(PDF) 27 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 27 Page - SICK AG

Back Button IM12 Datasheet HTML 20Page - SICK AG IM12 Datasheet HTML 21Page - SICK AG IM12 Datasheet HTML 22Page - SICK AG IM12 Datasheet HTML 23Page - SICK AG IM12 Datasheet HTML 24Page - SICK AG IM12 Datasheet HTML 25Page - SICK AG IM12 Datasheet HTML 26Page - SICK AG IM12 Datasheet HTML 27Page - SICK AG IM12 Datasheet HTML 28Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
SENSICK CATALOGUE
238
Inductive sensor, IM 12, NAMUR
Sensing range
2 / 4 mm
Inductive sensor
NAMUR to EN 60 947-5-6
Robust brass housing, nickel-
plated, with fine thread
M12 x 1 mm
Classification PTB 03 ATEX 2037
II 2 G EEx ia IIC T6
Dimensional drawing
26
2
30
1
2
2
30
1
2
1
Connection
2
Fastening nuts (2 x); width across 17, metal
Connection type
IM12-02B-N-ZW0
IM12-04N-N-ZW0
2 x 0.34 mm
²
brn
blu
L+
M
See chapter Accessories
Mounting systems
Switching units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com