Electronic Components Datasheet Search
  English  ▼

X  

IM12 Datasheet(PDF) 20 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 20 Page - SICK AG

Back Button IM12 Datasheet HTML 16Page - SICK AG IM12 Datasheet HTML 17Page - SICK AG IM12 Datasheet HTML 18Page - SICK AG IM12 Datasheet HTML 19Page - SICK AG IM12 Datasheet HTML 20Page - SICK AG IM12 Datasheet HTML 21Page - SICK AG IM12 Datasheet HTML 22Page - SICK AG IM12 Datasheet HTML 23Page - SICK AG IM12 Datasheet HTML 24Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SENSICK CATALOGUE
231
IM 12
Technical data
IM12-
02BNP
-ZC1
02BPP
-ZC1
04NNP
-ZC1
04NPP
-ZC1
Sensing range Sn
4 mm
2 mm
Electrical configuration
DC 4-wire
Supply voltage Vs
DC 10 ... 30 V
Residual ripple VPP
≤ 10 %1)
Voltage drop Vd
≤ 1.2 V2)
Power consumption
≤ 20 mA3)
Continuous current Ia
≤ 100 mA
Time delay before availability tv
≤ 100 ms
Hysteresis H, of sr
2 ... 10 %
Repeatability R
≤ 5 % (Ub and Ta constant)4)
Temperature drift, of sr
± 10 %
EMC
According to EN 60947-5-2
Switching output
PNP
NPN
Output function
Complementary
Installation
Non-flush
Flush
Connection type
Connector, M12, 4-pin
Enclosure rating
IP 68
Max. switching frequency
2,000 Hz
Dimensions
M12 x 15)
Short circuit protection
6)
Reverse polarity protection
Power-up pulse suppression
Shock/vibration stress
30 g, 11 ms/10 ... 55 Hz, 1 mm
Ambient operating temperature Ta
-25
°C ... +70 °C
Housing material
Brass nickel-plated, plastic
Tightening torque
10 Nm
1) of Ub
2) at Ia max
3) without load
4) of sr
5) thread diameter x pitch (mm)
6) (pulsed)
Order information
Type
Order no.
IM12-02BNP-ZC1
7 902 924
IM12-02BPP-ZC1
7 902 923
IM12-04NNP-ZC1
7 902 926
IM12-04NPP-ZC1
7 902 925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com