Electronic Components Datasheet Search
  English  ▼

X  

IM12 Datasheet(PDF) 4 Page - SICK AG

Part # IM12
Description  Inductive sensor, IM 12, DC 3-wire, Standard series, Flush
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IM12 Datasheet(HTML) 4 Page - SICK AG

  IM12 Datasheet HTML 1Page - SICK AG IM12 Datasheet HTML 2Page - SICK AG IM12 Datasheet HTML 3Page - SICK AG IM12 Datasheet HTML 4Page - SICK AG IM12 Datasheet HTML 5Page - SICK AG IM12 Datasheet HTML 6Page - SICK AG IM12 Datasheet HTML 7Page - SICK AG IM12 Datasheet HTML 8Page - SICK AG IM12 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SENSICK CATALOGUE
215
IM 12
Technical data
IM12-
04NNS
-ZW1
04NPS
-ZW1
04NPO
-ZW1
04NNS
-ZC1
04NPO
-ZC1
04NPS
-ZC1
04NPS
-ZT1
04NNS
-ZT1
Sensing range Sn
4 mm
Electrical configuration
DC 3-wire
Supply voltage Vs
DC 10 ... 30 V
Residual ripple VPP
≤ 10 %1)
Voltage drop Vd
≤ 1.2 V2)
Power consumption
≤ 20 mA3)
Continuous current Ia
≤ 200 mA
Time delay before availability tv
≤ 100 ms
Hysteresis H, of sr
2 ... 10 %
Repeatability R
≤ 2 % (Ub and Ta constant)4)
Temperature drift, of sr
± 10 %
EMC
According to EN 60947-5-2
Switching output
NPN
PNP
Output function
Normally open
Normally closed
Installation
Non-flush
Connection type
Connector, M8, 3-pin
Connector, M12, 4-pin
Cable, PVC, 2 m
Enclosure rating
IP 675)
Max. switching frequency
2,000 Hz
Dimensions
M12 x 16)
Short circuit protection
7)
Reverse polarity protection
Power-up pulse suppression
Shock/vibration stress
30 g, 11 ms/10 ... 55 Hz, 1 mm
Ambient operating temperature Ta
-25
°C ... +70 °C
Housing material
Brass nickel-plated, plastic
Tightening torque
10 Nm
1) of Ub
2) at Ia max
3) without load
4) of sr
5) according to EN 60529
6) thread diameter x pitch (mm)
7) (pulsed)
Order information
Type
Order no.
IM12-04NNS-ZW1
6 011 976
IM12-04NPS-ZW1
6 011 975
IM12-04NPO-ZW1
6 011 977
IM12-04NNS-ZC1
6 011 984
IM12-04NPO-ZC1
6 011 985
IM12-04NPS-ZC1
6 011 983
IM12-04NPS-ZT1
6 011 979
IM12-04NNS-ZT1
6 011 980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com