Electronic Components Datasheet Search
  English  ▼

X  

D-M9BWMAPC Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # D-M9BWMAPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMAPC Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMAPC Datasheet HTML 24Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 25Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 26Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 27Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 28Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 29Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 30Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 31Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Terminal conduit
RoHS
Solid State Auto Switch
Band Mounting Type
D-G39A/D-K39A
1. Use cable whose O.D. is within the size in
the figure to maintain water resistant
performance.
2. After wiring, confirm that tightening gland
and all screws are tightened.
Precautions
Caution
D-G39A, D-K39A (With indicator light)
Auto switch model
D-G39A
3-wire
NPN
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less
at 10 mA of load current)
100
µA or less at 24 VDC
D-K39A
2-wire
—
24 VDC Relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
Note) Refer to page 1584 for solid state auto switch common specifications.
Red LED illuminates when turned ON.
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Dimensions
(mm)
Auto switch model
None
110
D-G39A
D-K39A
Lead wire
Weight
(g)
G (PF) 1/2
Tightening gland
Indicator light
Most sensitive position
(Applicable cable O.D.
ø6.8 to ø9.6)
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
1601
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com