Electronic Components Datasheet Search
  English  ▼

X  

D-M9BWMAPC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # D-M9BWMAPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMAPC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMAPC Datasheet HTML 4Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 5Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 6Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 7Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 8Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 9Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 10Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 11Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Best Pneumatics
2-1
2-color indicator with diagnostic output
Hygienic
Water resistant 2-color indicator
With timer
Magnetic field resistant
Heat resistant
Trimmer auto switch
Sensor unit
Amplifier unit
Function
Type
Electrical entry
Auto switch model
Page
Auto switch
mounting type
The diagnostic output signal can be detected in an unsteady detecting area.
Band
Rail
Tie-rod
Grommet
Grommet
Grommet
D-H7NF
D-G59F
D-F79F
D-F59F
1615
1616
1617
1618
Water resistant (coolant) type
Band
Rail
Tie-rod
Direct
Grommet
Grommet
Grommet
Grommet
1621
1622
1623
1624
1619
1620
With built-in OFF-delay timer (200 ms)
Band
Rail
Tie-rod
Grommet
Grommet
Grommet
D-G5NT
D-F7NT
D-F5NT
1626
1627
1628
Can be used in an environment where magnetic field disturbances are generated.
D-H7BA
D-G5BA
D-F7BA
D-F7BAV
D-F5BA
D-M9
A∗
D-M9
AV∗
D-Y7BA∗∗
Direct
Grommet
D-F6N/F6P/F6B
1625
Hygienic type
∗ These auto switches can be mounted with a band, a rail, a tie-rod or a square groove when auto switch mounting brackets are used. Refer to pages
1680, 1684, 1688 and 1696 to 1698 for details.
∗∗ These auto switches can be mounted with a tie-rod when auto switch mounting brackets are used. Refer to page 1691 for details.
Auto Switch Variations
Band
Terminal conduit
Grommet
D-B30/31/35
D-B30J/31J/35J
1671
Rail
Grommet
D-P3DWASC/P3DWASE
D-P3DWA
D-P3DWSC/P3DWSE
D-P3DW
D-P4DWSC/P4DWSE
D-P4DW
1630
1631
1632
1633
1634
1635
Rod
Grommet
D-P79WSE
D-P74
1668
1669
D-M9NJ/M9BJ
D-F7NJ
1636
1637
Grommet
Can be used in a high-temperature environment (Max. 150
°C).
Sensor unit: Rail
Amplifier unit: DIN rail
Rail
Grommet
D-M9K/F7K/Y7K/RNK/RPK
1639
Direct
Simple workpiece recognition is possible.
Rail, Tie-rod, Direct
Grommet
1583
D-
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com