Electronic Components Datasheet Search
  English  ▼

X  

D-M9BWMAPC Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # D-M9BWMAPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMAPC Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMAPC Datasheet HTML 76Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 77Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 78Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 79Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 80Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 81Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 82Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 83Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
12
33
6
14
6
D-A64/A67 without
indicator light
Indicator light
16
Most sensitive position
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
24
80
125
24
80
—
24
80
—
D-A53
D-A54
D-A56
D-A64
D-A67
Lead wire length
D-A5 (With indicator light)
Auto switch model
Applicable load
Load voltage
Maximum load (3)
current and range
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A53
24 VDC (4)
5 to 50 mA
D-A54
200 VAC
5 to 12.5 mA
D-A56
PLC
24 VDC (4)
5 to 50 mA
e
None
2.4 V or less
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
IC circuit
4 to 8 VDC
20 mA
t
None
0.8 V or less
D-A6 (Without indicator light)
Auto switch model
Applicable load
Load voltage
Maximum load current
Internal circuit∗
Contact protection circuit
Internal resistance
D-A67
PLC/IC circuit
Max. 24 VDC
30 mA
r
None
1
Ω or less (Including
lead wire length of 3 m)
D-A64
Relay, PLC
100 VAC
25 mA
w
Built-in
25
Ω or less
Red LED illuminates when turned ON.
CE marking
Standard
CE marking
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the indicator light will
not be possible where the output signal is less than 2.5 mA. However, there is no problem in terms of
contact output, when an output signal exceeds 1 mA or more.
Note 4) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
2 cores (Brown/Blue)
0.3
Auto switch model
Leadwireminimumbendingradius[mm](Referencevalues)
D-A53/A54
D-A56
D-A64/A67
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø4
3 cores (Brown/Blue/Black)
ø1.22
0.2
ø0.08
24
2 cores (Brown/Blue)
0.3
Oilproof Heavy-duty Lead Wire Specifications
Grommet
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto Switch Specifications
200 VAC
12.5 mA
50 mA
24 V
or less
AC
DC
Dimensions
(mm)
Weight
(g)
Reed Auto Switch
Tie-rod Mounting Type
D-A5
/D-A6
1661
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com